Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30BJ250-1K Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 30BJ250-1K
Description  Carbon Composition Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

30BJ250-1K Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  30BJ250-1K Datasheet HTML 1Page - List of Unclassifed Manufacturers 30BJ250-1K Datasheet HTML 2Page - List of Unclassifed Manufacturers 30BJ250-1K Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XICON PASSIVE COMPONENTS • (800) 628-0544
Average Lifetime
(60% reliability level)
(Hrs)
Number
of Failures
r (pcs)
Total Testing
Time
T(Hrs)
Load Ratio
P/Pn (%)
Criterion
(%)
Failure Ratio
λCL (60%)
λ
0
20
60
100
Total
Total
±5
±10
ΔR/R
2.984 x 106
2.990 x 106
2.997 x 106
2.992 x 106
1.196 x 107
1.20 x 107
4.098 x 105
5.682 x 105
9.615 x 105
7.194 x 105
7.209 x 105
1.299 x 107
6
4
2
3
15
0
0.201
0.134
0.067
0.100
0.125
0.0055
0.244
0.176
0.104
0.139
0.138
0.0077
Load Life in Moisture
Samples: 1/4 Watt, 100Ω, 1kΩ, 10kΩ, 100kΩ, 150 pieces of each, 600 pieces in total.
Conditions: 40°C in 95% RH 1% hours "ON" and 0.5 hours "OFF" cycling for 5,000 hours with DC voltage given by the following ratios:
RELIABILITY TEST
Charging and Discharging a 2,000 pF Condenser for 100 Cycles.
10
0
−10
−20
−30
Voltage (kV)
a
b
c
1/4 Watt
a: 1.2 M
Ω
b: 33 k
Ω
c: 1 k
Ω
0
2
4
6
8
10
12
14
a
b
c
1/2 Watt
a: 1M
Ω
b: 10 k
Ω
c: 1 k
Ω
10
0
−10
−20
−30
Voltage (kV)
0
2
4
6
8
10
12
14
0
−5
−10
−15
30
50
70
90
100
130
Ambient Temperature (
°C)
1.0
0.5
1/2 Watt 100k
Ω, n = 50
2,500 hours
Load Ratio P/Pn = 1.25
0
0.25
0.75
0
−1
−2
−3
0 100
500
1000
Testing Time (Hrs)
1/4 Watt
1/2 Watt
Under 70
°C 220kΩ
3
2
1
0
−1
0
2
4
6
8
10
12
Time Elasped (Month)
a = 1/4 Watt 100k
Ω
b = 1/4 Watt 1k
Ω
c = 1/2 Watt 1M
Ω
a
b
c
100
75
50
25
0
0.1
0.5 1
5
10
50 100
fxR (Mhz−M
Ω)
a
b
SURGE RESISTANCE CHARACTERISTICS
VARIATION WITH TIME
FREQUENCY CHARACTERISTICS
RELATIONSHIP BETWEEN LOAD
RATIO AND AMBIENT TEMPERATURE
LOAD LIFE (RATED LOAD)
Carbon Composition Resistors
CC Series
XC-600213
Date Revised: 10/18/07
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 30BJ250-1K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
30B DIOTEC-30B Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Siemens Semiconductor G...
30B1 SIEMENS-30B1 Datasheet
143Kb / 3P
   CATHODE RAY TUBE-ALL ELECTROSTATIC3쩍" DIA.
logo
Grayhill, Inc
30B1012-5 GRAYHILL-30B1012-5 Datasheet
464Kb / 3P
   SEALED TERMINAL AND WIRE LEAD OPTIONS OPTION -E AND -EW
30B1012-5 GRAYHILL-30B1012-5 Datasheet
164Kb / 4P
   Butt Contact Pushbutton Switches
30B1012-8 GRAYHILL-30B1012-8 Datasheet
464Kb / 3P
   SEALED TERMINAL AND WIRE LEAD OPTIONS OPTION -E AND -EW
More results

Similar Description - 30BJ250-1K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
   Carbon Composition Resistors
logo
Token Electronics Indus...
CCR TOKEN-CCR Datasheet
575Kb / 6P
   Carbon Composition Resistors
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
Sharma Electro Componen...
RS1112W2K7JT SHARMA-RS1112W2K7JT Datasheet
496Kb / 6P
   THE FIXED CARBON COMPOSITION RESISTORS
logo
Tyco Electronics
1625875 MACOM-1625875 Datasheet
40Kb / 1P
   CARBON COMPOSITION RESISTORS SERIES CBT25
logo
List of Unclassifed Man...
RC07GF913J ETC2-RC07GF913J Datasheet
1Mb / 15P
   Hot-Molded Carbon Composition Fixed Resistors
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
List of Unclassifed Man...
RC20GF102J ETC2-RC20GF102J Datasheet
189Kb / 2P
   Carbon Composition Resistor
logo
MERITEK ELECTRONICS COR...
SRCM MERITEK-SRCM Datasheet
461Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com