Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFC120F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJFC120F
Description  Fixed Inductors (Chip Inductors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFC120F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJFC120F Datasheet HTML 1Page - Panasonic Semiconductor ELJFC120F Datasheet HTML 2Page - Panasonic Semiconductor ELJFC120F Datasheet HTML 3Page - Panasonic Semiconductor ELJFC120F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.6
±0.2
3.2
±0.3
Marking
4.0 to 4.6
1.6 to 2.0
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(µH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJFAR22 F2
0.22
M : ±20 %
or
K : ±10 %
25.2
25
25.2
230
0.29
360
ELJFAR27 F2
0.27
210
0.32
345
ELJFAR33 F2
0.33
190
0.35
330
ELJFAR39 F2
0.39
175
0.39
305
ELJFAR47 F2
0.47
160
0.44
290
ELJFAR56 F2
0.56
150
0.49
275
ELJFAR68 F2
0.68
135
0.55
260
ELJFAR82 F2
0.82
125
0.61
245
ELJFA1R0 F2
1.0
K : ±10 %
or
J : ± 5 %
7.96
30
7.96
115
0.69
230
ELJFA1R2 F2
1.2
100
0.75
215
ELJFA1R5 F
1.5
90
0.75
210
ELJFA1R8 F
1.8
85
0.82
200
ELJFA2R2 F
2.2
80
0.95
190
ELJFA2R7 F
2.7
75
1.1
180
ELJFA3R3 F
3.3
65
1.2
180
ELJFA3R9 F
3.9
60
1.3
175
ELJFA4R7 F
4.7
55
1.5
165
ELJFA5R6 F
5.6
50
1.6
160
ELJFA6R8 F
6.8
45
1.8
150
ELJFA8R2 F
8.2
40
2.0
140
ELJFA100 F10
2.52
2.52
36
2.1
140
ELJFA120 F12
33
2.5
125
ELJFA150 F15
30
2.8
120
ELJFA180 F18
27
3.3
110
ELJFA220 F22
25
3.7
105
ELJFA270 F27
22
5.0
90
ELJFA330 F33
20
5.6
85
ELJFA390 F39
20
6.4
80
ELJFA470 F47
15
7.0
75
ELJFA560 F56
15
8.0
70
ELJFA680 F68
15
9.0
65
ELJFA820 F8210
10.0
60
ELJFA101 F
100
0.796
20
0.796
10
10.0
60
ELJFA121 F
120
10
11.0
55
ELJFA151 F
150
8
15.0
50
ELJFA181 F
180
7
17.0
50
ELJFA221 F
220
7
21.0
45
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
FA Type 3225 (1210)
Standard Packing Quantity
2000 pcs./Reel
Standard Parts
: Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Feb. 2006


Similar Part No. - ELJFC120F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFC120F PANASONIC-ELJFC120F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC120F PANASONIC-ELJFC120F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJFC120F PANASONIC-ELJFC120F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC120F PANASONIC-ELJFC120F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC120F PANASONIC-ELJFC120F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJFC120F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com