Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFC180F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJFC180F
Description  Fixed Inductors (Chip Inductors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFC180F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJFC180F Datasheet HTML 1Page - Panasonic Semiconductor ELJFC180F Datasheet HTML 2Page - Panasonic Semiconductor ELJFC180F Datasheet HTML 3Page - Panasonic Semiconductor ELJFC180F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
E
1
L
2
J
3
F
4
A
5
1
6
R
7
2
8
K
9
F2
10
Taping
F
Chip Inductors
Product code
11
Shape
FC
FA
FB
2520
3225
4532
Inductance
220 nH
3.3
µH
47
µH
560
µH
1000
µH
R22
3R3
470
561
102
Inductance tolerance
±5%
±10 %
±20 %
J
K
M
Packaging Design No.
3. General use FC, FA, FB
Features
● General use wire wound and resin molded chip inductor.
● Corespond to Re-flowsoldering and flow soldering.
● Wide line-up from 2520 size to 4532 size.
● Good for mounting.
Recommended Applications
● AV equipment, Wireless communication equipment and various general electronic equipment.
Explanation of Part Numbers
■Storage condition
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH Max.), shall not be exposed to
direct sunlight and harmful gas and care should be taken so as not to cause dew.
● Product on PWB : Temperature –20 to +85 °C
■Storage period
● In generally, even if storage condition is good, solderability will be down cause of time progress.
Please use product within 6 months after received.
(In case of over 6 months storage period, use the product after confirmation of no abnormality of appearance and
solderability.)
■Packaging
Refer 28 ro 29 page.
■Soldering condition
Refer 30 page.
■Caution for use
Refer 31 page.
Japan
China
Feb. 2006


Similar Part No. - ELJFC180F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFC180F PANASONIC-ELJFC180F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC180F PANASONIC-ELJFC180F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJFC180F PANASONIC-ELJFC180F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC180F PANASONIC-ELJFC180F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFC180F PANASONIC-ELJFC180F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJFC180F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com