Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V29C51001T-90T Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # V29C51001T-90T
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C51001T-90T Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V29C51001T-90T Datasheet HTML 5Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 6Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 7Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 8Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 9Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 10Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 11Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 12Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 13Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
V29C51001T/V29C51001B Rev. 0.8 October 2000
MOSEL VITELIC
V29C51001T/V29C51001B
Functional Description
The V29C51001T/V29C51001B consists of 256
equally-sized sectors of 512 bytes each. The 8 KB
lockable Boot Block is intended for storage of the
system BIOS boot code. The boot code is the first
piece of code executed each time the system is
powered on or rebooted.
The V29C51001 is available in two versions: the
V29C51001T with the Boot Block address starting
from 1E000H to 1FFFFH, and the V29C51001B
with the Boot Block address starting from 00000H
to 1FFFFH.
Read Cycle
A read cycle is performed by holding both CE
and OE signals LOW. Data Out becomes valid only
when these conditions are met. During a read cycle
WE must be HIGH prior to CE and OE going LOW.
WE must remain HIGH during the read operation
for the read to complete (see Table 1).
Output Disable
Returning OE or CE HIGH, whichever occurs first
will terminate the read operation and place the l/O
pins in the HIGH-Z state.
Standby
The device will enter standby mode when the CE
signal is HIGH. The l/O pins are placed in the
HIGH-Z, independent of the OE signal.
Command Sequence
The V29C51001T/V29C51001B does not
provide the “reset” feature to return the chip to its
normal state when an incomplete command
sequence or an interruption has happened. In this
case, normal operation (Read Mode) can be
restored by issuing a “non-existent” command
sequence, for example Address: 5555H, Data FFH.
Byte Program Cycle
The V29C51001T/V29C51001B is programmed
on a byte-by-byte basis. The byte program
operation is initiated by using a specific four-bus-
cycle sequence: two unlock program cycles, a
program setup command and program data
program cycles (see Table 2).
During the byte program cycle, addresses are
latched on the falling edge of either CE or WE,
whichever is last. Data is latched on the rising edge
of CE or WE, whichever is first. The byte program
cycle can be CE controlled or WE controlled.
8KB Boot Block
512
512
512
512
512
512
512
512
8KB Boot Block
V29C51001T
V29C51001B
1FFFFH
1E000H
00000H
01FFFH
51001-13
00000H
8KB Boot Block = 16 Sectors
Table 1. Operation Modes Decoding
NOTES:
1.
X = Don’t Care, VIH = HIGH, VIL = LOW. VH = 12.5V Max.
2.
PD: The data at the byte address to be programmed.
Decoding Mode
CE
OE
WE
A0
A1
A9
I/O
Read
VIL
VIL
VIH
A0
A1
A9
READ
Byte Write
VIL
VIH
VIL
A0
A1
A9
PD
Standby
VIH
XXXXX
HIGH-Z
Autoselect Device ID
VIL
VIL
VIH
VIH
VIL
VH
CODE
Autoselect Manufacture ID
VIL
VIL
VIH
VIL
VIL
VH
CODE
Enabling Boot Block Protection Lock
VIL
VH
VIL
XX
VH
X
Disabling Boot Block Protection Lock
VH
VH
VIL
XX
VH
X
Output Disable
VIL
VIH
VIH
X
X
X
HIGH-Z


Similar Part No. - V29C51001T-90T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51000B MOSEL-V29C51000B Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45J MOSEL-V29C51000B-45J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45P MOSEL-V29C51000B-45P Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45T MOSEL-V29C51000B-45T Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-70J MOSEL-V29C51000B-70J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C51001T-90T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
logo
Mosel Vitelic, Corp
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com