Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA23-12SRWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # SA23-12SRWA
Description  56.9mm (2.3 INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA23-12SRWA Datasheet(HTML) 2 Page - Kingbright Corporation

  SA23-12SRWA Datasheet HTML 1Page - Kingbright Corporation SA23-12SRWA Datasheet HTML 2Page - Kingbright Corporation SA23-12SRWA Datasheet HTML 3Page - Kingbright Corporation SA23-12SRWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAC2416
REV NO: V.8
DATE: MAY/24/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: S.J.LIU
ERP: 1301000248
Selection Guide
Part No.
Dice
Lens Type
Iv (ucd)
@ 10mA [1]
Min.
Typ.
SA23-12SRWA
SUPER BRIGHT RED (GaAIAs)
WHITE DIFFUSED
18000
75000
Common Anode, Rt.
Hand Decimal.
Description
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Super Bright Red
660
nm
IF=20mA
λD[1]
Dominant Wavelength
Super Bright Red
640
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Red
20
nm
IF=20mA
C
Capacitance
Super Bright Red
45
pF
VF=0V;f=1MHz
VF[2]
Forward Voltage
Per Segment or (Dp)
Super Bright Red
7.4
(3.7)
10.0
(5.0)
V
IF=20mA
IR
Reverse Current
Per Segment or (Dp)
Super Bright Red
10
uA
VR = 20V
(VR = 10V)
Parameter
Super Bright Red
Units
Power dissipation
Per Segment or (Dp)
300(150)
mW
DC Forward Current
Per Segment or (Dp)
30
mA
Peak Forward Current [1]
Per Segment or (Dp)
155
mA
Reverse Voltage
Per Segment or (Dp)
20 (10)
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3~5 Seconds
Note:
1.Luminous Intensity / Luminous Flux: +/-15%.
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Similar Part No. - SA23-12SRWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA23-12 ETC-SA23-12 Datasheet
769Kb / 6P
   57 MM SINGLE DIGIT NUMERIC DISPLA
logo
Kingbright Corporation
SA23-12EWA KINGBRIGHT-SA23-12EWA Datasheet
162Kb / 3P
   Standard-Displays
SA23-12EWA KINGBRIGHT-SA23-12EWA Datasheet
124Kb / 4P
   56.9mm (2.3 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA23-12GWA KINGBRIGHT-SA23-12GWA Datasheet
162Kb / 3P
   Standard-Displays
SA23-12GWA KINGBRIGHT-SA23-12GWA Datasheet
235Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA23-12SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA23-12EWA KINGBRIGHT-SA23-12EWA Datasheet
124Kb / 4P
   56.9mm (2.3 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUY57A SUNLED-DUY57A Datasheet
204Kb / 5P
   56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DMR57A SUNLED-DMR57A Datasheet
207Kb / 5P
   56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUG57A SUNLED-DUG57A Datasheet
198Kb / 5P
   56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUR57C SUNLED-DUR57C Datasheet
207Kb / 5P
   56.9mm (2.3?? SINGLE DIGIT NUMERIC DISPLAY
DUG57C SUNLED-DUG57C Datasheet
198Kb / 5P
   56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUR57A SUNLED-DUR57A Datasheet
207Kb / 5P
   56.9mm (2.3?? SINGLE DIGIT NUMERIC DISPLAY
DMR57C SUNLED-DMR57C Datasheet
207Kb / 5P
   56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUY57C SUNLED-DUY57C Datasheet
204Kb / 5P
   56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SC23-12SRWA KINGBRIGHT-SC23-12SRWA Datasheet
234Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com