Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBC18-21EGWA Datasheet(PDF) 5 Page - Kingbright Corporation

Part # TBC18-21EGWA
Description  47mm (1.85INCH) 8X8 MULTICOLOR DOT MATRIX DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TBC18-21EGWA Datasheet(HTML) 5 Page - Kingbright Corporation

  TBC18-21EGWA Datasheet HTML 1Page - Kingbright Corporation TBC18-21EGWA Datasheet HTML 2Page - Kingbright Corporation TBC18-21EGWA Datasheet HTML 3Page - Kingbright Corporation TBC18-21EGWA Datasheet HTML 4Page - Kingbright Corporation TBC18-21EGWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAG6650
REV NO: V.3
DATE: MAY/26/2007
PAGE: 5 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332001158
PACKING & LABEL SPECIFICATIONS
TBC18-21EGWA


Similar Part No. - TBC18-21EGWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TBC18-81EGWA KINGBRIGHT-TBC18-81EGWA Datasheet
457Kb / 3P
   47.8 MM (1.8 INCH) 8 X 8 MULTICOLOR DOT
More results

Similar Description - TBC18-21EGWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TBA18-21EGWA KINGBRIGHT-TBA18-21EGWA Datasheet
256Kb / 5P
   47mm (1.85INCH) 8X8 MULTICOLOR DOT MATRIX DISPLAY
logo
LIGITEK electronics co....
LMD4411-2AEGR-XX LIGITEK-LMD4411-2AEGR-XX Datasheet
124Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (1.85Inch)
logo
Lite-On Technology Corp...
LTP-251FFA LITEON-LTP-251FFA Datasheet
939Kb / 5P
   2.5 16x16 MULTICOLOR DOT MATRIX DISPLAY
logo
China Semiconductor Cor...
CSM-88261EG CHINASEMI-CSM-88261EG Datasheet
270Kb / 7P
   2.3Inch 8X8 Dot-Matrix Display
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88211M9 CHINASEMI-CSM-88211M9 Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211S CHINASEMI-CSM-88211S Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com