Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21990BSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-21990BSTZ
Description  Mixed-Signal DSP Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BSTZ Datasheet(HTML) 3 Page - Analog Devices

  ADSP-21990BSTZ Datasheet HTML 1Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 2Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 3Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 4Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 5Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 6Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 7Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 8Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ADSP-21990
Rev. A
|
Page 3 of 50
|
August 2007
GENERAL DESCRIPTION
The ADSP-21990 is a mixed-signal DSP controller based on the
ADSP-2199x DSP core, suitable for a variety of high perfor-
mance industrial motor control and signal processing
applications that require the combination of a high performance
DSP and the mixed-signal integration of embedded control
peripherals such as analog-to-digital conversion. Target appli-
cations include: industrial motor drives, uninterruptible power
supplies, optical networking control, data acquisition systems,
test and measurement systems, and portable instrumentation.
The ADSP-21990 integrates the fixed-point ADSP-2199x fam-
ily-based architecture with a serial port, an SPI-compatible port,
a DMA controller, three programmable timers, general-purpose
programmable flag pins, extensive interrupt capabilities, on-
chip program and data memory spaces, and a complete set of
embedded control peripherals that permits fast motor control
and signal processing in a highly integrated environment.
The ADSP-21990 architecture is code compatible with previous
ADSP-217xx based ADMCxxx products. Although the architec-
tures are compatible, the ADSP-21990, with ADSP-2199x
architecture, has a number of enhancements over earlier archi-
tectures. The enhancements to computational units, data
address generators, and program sequencer make the
ADSP-21990 more flexible and easier to program than the pre-
vious ADSP-21xx embedded DSPs.
Indirect addressing options provide addressing flexibility—pre-
modify with no update, pre- and post-modify by an immediate
8-bit, twos complement value and base address registers for eas-
ier implementation of circular buffering.
The ADSP-21990 integrates 8K words of on-chip memory con-
figured as 4K words (24-bit) of program RAM, and 4K words
(16-bit) of data RAM.
Fabricated in a high speed, low power, CMOS process, the
ADSP-21990 operates with a 6.25 ns instruction cycle time for a
160 MHz CCLK and with a 6.67 ns instruction cycle time for a
150 MHz CCLK.
The flexible architecture and comprehensive instruction set of
the ADSP-21990 support multiple operations in parallel. For
example, in one processor cycle, the ADSP-21990 can:
• Generate an address for the next instruction fetch.
• Fetch the next instruction.
• Perform one or two data moves.
• Update one or two data address pointers.
• Perform a computational operation.
These operations take place while the processor continues to:
• Receive and transmit data through the serial port.
• Receive or transmit data over the SPI port.
• Access external memory through the external memory
interface.
• Decrement the timers.
• Operate the embedded control peripherals (ADC, PWM,
EIU, etc.).
DSP CORE ARCHITECTURE
• 6.25 ns instruction cycle time (internal), for up to
160 MIPS sustained performance (6.67 ns instruction cycle
time for 150 MIPS sustained performance).
• ADSP-218x family code compatible with the same easy to
use algebraic syntax.
• Single cycle instruction execution.
• Up to 1M words of addressable memory space with 24 bits
of addressing width.
• Dual-purpose program memory for both instruction and
data storage.
• Fully transparent instruction cache allows dual operand
fetches in every instruction cycle.
• Unified memory space permits flexible address generation,
using two independent DAG units.
• Independent ALU, multiplier/accumulator, and barrel
shifter computational units with dual 40-bit accumulators.
• Single cycle context switch between two sets of computa-
tional and DAG registers.
• Parallel execution of computation and memory
instructions.
• Pipelined architecture supports efficient code execution at
speeds up to 160 MIPS.
• Register file computations with all nonconditional, non-
parallel computational instructions.
• Powerful program sequencer provides zero overhead loop-
ing and conditional instruction execution.
• Architectural enhancements for compiled C code
efficiency.
• Architecture enhancements beyond ADSP-218xx family
are supported with instruction set extensions for added
registers, ports, and peripherals.
The clock generator module of the ADSP-21990 includes clock
control logic that allows the user to select and change the main
clock frequency. The module generates two output clocks: the
DSP core clock, CCLK; and the peripheral clock, HCLK. CCLK
can sustain clock values of up to 160 MHz, while HCLK can be
equal to CCLK or CCLK/2 for values up to a maximum 80 MHz
peripheral clock at the 160 MHz CCLK rate.
The ADSP-21990 instruction set provides flexible data moves
and multifunction (one or two data moves with a computation)
instructions. Every single word instruction can be executed in a
single processor cycle. The ADSP-21990 assembly language uses
an algebraic syntax for ease of coding and readability. A com-
prehensive set of development tools supports program
development.


Similar Part No. - ADSP-21990BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
More results

Similar Description - ADSP-21990BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
   Mixed Signal DSP Controller
REV. 0
ADSP-21992 AD-ADSP-21992_07 Datasheet
1Mb / 60P
   Mixed-Signal DSP Controller with CAN
REV. A
ADSP-21992 AD-ADSP-21992 Datasheet
519Kb / 48P
   Mixed Signal DSP Controller With CAN
ADSP-21992 AD-ADSP-21992_15 Datasheet
2Mb / 60P
   Mixed-Signal DSP Controller with CAN
REV. A
ADSP-21991 AD-ADSP-21991 Datasheet
589Kb / 44P
   Mixed Signal DSP Co
REV. 0
logo
HYCON Technology Corpor...
HY16F198B HYCON-HY16F198B Datasheet
2Mb / 77P
   High Precision Mixed-Signal Controller
logo
Texas Instruments
MSP430F5438A-ET TI-MSP430F5438A-ET Datasheet
1Mb / 95P
[Old version datasheet]   MSP430F5438A-ET Mixed-Signal Controller
logo
HYCON Technology Corpor...
HY16F188 HYCON-HY16F188 Datasheet
2Mb / 49P
   High Precision Mixed-Signal Controller
HY16F3981 HYCON-HY16F3981 Datasheet
1Mb / 64P
   High Precision Mixed-Signal Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com