Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC07-11YWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # TC07-11YWA
Description  18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC07-11YWA Datasheet(HTML) 2 Page - Kingbright Corporation

  TC07-11YWA Datasheet HTML 1Page - Kingbright Corporation TC07-11YWA Datasheet HTML 2Page - Kingbright Corporation TC07-11YWA Datasheet HTML 3Page - Kingbright Corporation TC07-11YWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD2428
REV NO: V.8
DATE: MAY/24/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332000485
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
TC07-11YWA
Yellow (GaAsP/GaP)
WHITE DIFFUSED
1900
8100
Column Cathode
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
Dpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
DD [1]
Dominant Wavelength
Yellow
588
nm
IF=20mA
HD1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Yellow
2.1
2.5
V
IF=20mA
IR
Reverse Current
Yellow
10
uA
VR=5V
Parameter
Yellow
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Similar Part No. - TC07-11YWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC07-11YWA ETC-TC07-11YWA Datasheet
153Kb / 5P
   18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TC07-11YWA KINGBRIGHT-TC07-11YWA Datasheet
133Kb / 5P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
More results

Similar Description - TC07-11YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA07-11EWA KINGBRIGHT-TA07-11EWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11SRWA KINGBRIGHT-TC07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11SRWA KINGBRIGHT-TA07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11PBWA KINGBRIGHT-TC07-11PBWA Datasheet
86Kb / 3P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11YWA KINGBRIGHT-TA07-11YWA Datasheet
229Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11GWA KINGBRIGHT-TA07-11GWA Datasheet
228Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11EWA KINGBRIGHT-TC07-11EWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11GWA KINGBRIGHT-TC07-11GWA Datasheet
228Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11 KINGBRIGHT-TC07-11 Datasheet
133Kb / 5P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
logo
List of Unclassifed Man...
TA07-11EWA ETC-TA07-11EWA Datasheet
153Kb / 5P
   18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com