Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA20 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BTA20
Description  20A TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA20 Datasheet(HTML) 2 Page - STMicroelectronics

  BTA20 Datasheet HTML 1Page - STMicroelectronics BTA20 Datasheet HTML 2Page - STMicroelectronics BTA20 Datasheet HTML 3Page - STMicroelectronics BTA20 Datasheet HTML 4Page - STMicroelectronics BTA20 Datasheet HTML 5Page - STMicroelectronics BTA20 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTA20 Series
2/6
Tables 4: Electrical Characteristics (Tj = 25°C, unless otherwise specified)
Table 5: Static Characteristics
Table 6: Thermal resistance
Symbol
Test Conditions
Quadrant
BTA20
Unit
BW
CW
IGT (1)
VD = 12 V
RL = 33 Ω
ALL
MIN.
2
1
mA
MAX.
50
35
VGT
ALL
MAX.
1.5
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 125°C
ALL
MIN.
0.2
V
IH (2)
IT = 500 mA gate open
MAX.
75
50
mA
IL
IG = 1.2 IGT
I - III
TYP.
50
-
mA
II
90
-
I - II - III
MAX.
-
80
dV/dt (2)
VD = 67 %VDRM gate open
Tj = 125°C
TYP.
750
500
V/µs
MIN.
500
250
(dV/dt)c (2) (dI/dt)c = 20 A/ms
Tj = 125°C
TYP.
36
22
V/µs
MIN.
18
11
Symbol
Test Conditions
Value
Unit
VTM (2)
ITM = 28 A
tp = 380 µs
Tj = 25°C
MAX.
1.70
V
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
10
µA
Tj = 125°C
3mA
Note 1: minimum IGT is guaranted at 5% of IGT max.
Note 2: for both polarities of A2 referenced to A1.
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
2.1
°C/W
Rth(j-c)
Junction to case (DC)
2.8
Rth(j-a)
Junction to ambient
60
°C/W


Similar Part No. - BTA20

ManufacturerPart #DatasheetDescription
logo
GE Solid State
BTA20 GESS-BTA20 Datasheet
238Kb / 5P
   6-A Silicon Triacs For Power-Control and Power-Switching Applications
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
   20A TRIACs
logo
Continental Device Indi...
BTA20 CDIL-BTA20 Datasheet
74Kb / 2P
   Triac Series
logo
STMicroelectronics
BTA20-600 STMICROELECTRONICS-BTA20-600 Datasheet
470Kb / 6P
   SNUBBERLESS TRIACS
logo
Inchange Semiconductor ...
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
   isc Triacs
More results

Similar Description - BTA20

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA20A UTC-BTA20A Datasheet
166Kb / 3P
   20A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
   20A TRIACs
logo
Kersemi Electronic Co.,...
BTA20-700C KERSEMI-BTA20-700C Datasheet
897Kb / 4P
   20A TRIACS
BTA20-800B KERSEMI-BTA20-800B Datasheet
897Kb / 4P
   20A TRIACS
logo
Unisonic Technologies
BTB20A UTC-BTB20A Datasheet
165Kb / 3P
   20A TRIACS
BTB20 UTC-BTB20 Datasheet
136Kb / 3P
   20A TRIACS
logo
Nell Semiconductor Co.,...
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
   TRIACs, 20A Sunbberless
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
   TRIACs 600V, 20A
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com