Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM10-1000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYM10-1000
Description  Surface Mount Glass Passivated Junction Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM10-1000 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYM10-1000 Datasheet HTML 1Page - Vishay Siliconix BYM10-1000 Datasheet HTML 2Page - Vishay Siliconix BYM10-1000 Datasheet HTML 3Page - Vishay Siliconix BYM10-1000 Datasheet HTML 4Page - Vishay Siliconix BYM10-1000 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYM10-50 thru BYM10-1000, GL41A thru GL41Y
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88546
Revision: 07-Apr-08
2
Notes:
(1) Thermal resistance from junction to ambient, 0.24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal
Peak forward surge current
8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Maximum full load reverse
current full cycle average
at TA = 75 °C
IR(AV)
30
µA
Non-repetitive peak reverse
avalanche energy at TJ = 25 °C,
IAS = 1 A, L = 10 mH
EAS
5-
µA
Operating junction and storage
temperature range
TJ, TSTG
- 65 to + 175
°C
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM
10-50
BYM
10-100
BYM
10-200
BYM
10-400
BYM
10-600
BYM
10-800
BYM
10-1000
UNIT
STANDARD RECOVERY
DEVICE: 1ST BAND IS WHITE
GL41A
GL41B
GL41D
GL41G
GL41J
GL41K
GL41M
GL41T
GL41Y
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
BYM
10-50
BYM
10-100
BYM
10-200
BYM
10-400
BYM
10-600
BYM
10-800
BYM
10-1000
UNIT
GL41A
GL41B
GL41D
GL41G
GL41J
GL41K
GL41M
GL41T
GL41Y
Maximum
instantaneous
forward voltage
1.0 A
VF
1.1
1.2
V
Maximum DC
reverse current
at rated DC
blocking voltage
TA = 25 °C
TA = 125 °C
IR
10
50
µA
Typical junction
capacitance
4.0 V, 1 MHz
CJ
8.0
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM
10-50
BYM
10-100
BYM
10-200
BYM
10-400
BYM
10-600
BYM
10-800
BYM
10-
UNIT
GL41A
GL41B
GL41D
GL41G
GL41J
GL41K
GL41M
GL41T
GL41Y
Typical thermal resistance
RθJA
RθJT
75 (1)
30 (2)
°C/W


Similar Part No. - BYM10-1000

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYM10-1000 GE-BYM10-1000 Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-1000 VISHAY-BYM10-1000 Datasheet
87Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 15-Mar-11
BYM10-1000 VISHAY-BYM10-1000 Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
BYM10-1000 VISHAY-BYM10-1000 Datasheet
85Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
02-Oct-12
More results

Similar Description - BYM10-1000

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
   Surface-Mount Glass Passivated Junction Rectifier
01-Jan-2022
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
02-Oct-12
logo
Zowie Technology Corpor...
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GNOA GOOD-ARK-GNOA Datasheet
190Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GL34A VISHAY-GL34A Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com