Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-324TG Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MVL-324TG
Description  T-1 PACKAGE SOLID STATE LAMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-324TG Datasheet(HTML) 2 Page - Unity Opto Technology

  MVL-324TG Datasheet HTML 1Page - Unity Opto Technology MVL-324TG Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MVL-324TG
Optical-Electrical Characteristics
@ TA=25
oC
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
400
900
-
mcd
Forward Voltage
IF=20mA
VF
-
3.5
4.0
V
Reverse Current
IR
-
-
10
µA
Dominant Wavelength
IF=20mA
λ
d
-
525
-
nm
Viewing Angle
IF=20mA
1/2
-
40
-
deg.
Typical Optical-Electrical Characteristic Curves
02/06/2001
VR=5V
Unity Opto Technology Co., Ltd.
0
0.5
1
380
450
520
590
660
Wavelength (nm)
FIG.1 RELATIVE LUMINOUS INTENSITY
VS. WAVELENGTH
0
5
10
15
20
25
30
0
1
2
3
4
Forward Voltage (V)
FIG.2 FORWARD CURRENT VS.
FORWARD VOLTAGE
0
10
20
30
40
0
25
50
75
100
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
5
10
15
20
25
30
Forward Current IF (mA)
FIG.4 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT
FIG.6 RADIATION DIAGRAM
1.0
0.9
0.8
30
o
40
o
50
o
60
o
70
o
80
o
90
o
0
o
10
o
20
o
Ambient Temperature (
oC)
FIG.3 FORWARD CURRENT VS.
AMBIENT TEMPERATURE
0.1
1
10
0
20
30
50
70
90
Ambient Temperature (
oC)
FIG. 5 RELATIVE LUMINOUS INTENSITY VS.
AMBIENT TEMPERATURE
0.5 0.3 0.1
0.2 0.4 0.6


Similar Part No. - MVL-324TG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-324B UOT-MVL-324B Datasheet
38Kb / 2P
   SOLID STATE LAMP
MVL-324DRD UOT-MVL-324DRD Datasheet
44Kb / 3P
   Standard double flange water clear plastic
MVL-324GD UOT-MVL-324GD Datasheet
44Kb / 3P
   Standard double flange water clear plastic
MVL-324HRD UOT-MVL-324HRD Datasheet
44Kb / 3P
   Standard double flange water clear plastic
MVL-324SG UOT-MVL-324SG Datasheet
38Kb / 2P
   T-1 (3mm) PACKAGE SOLID STATE LAMP
More results

Similar Description - MVL-324TG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-354BV UOT-MVL-354BV Datasheet
32Kb / 2P
   T-1 PACKAGE SOLID STATE LAMP
MVL-354B UOT-MVL-354B Datasheet
32Kb / 2P
   T-1 PACKAGE SOLID STATE LAMP
MVL-354BS UOT-MVL-354BS Datasheet
32Kb / 2P
   T-1 PACKAGE SOLID STATE LAMP
MVL-354BG UOT-MVL-354BG Datasheet
31Kb / 2P
   T-1 (3mm) PACKAGE SOLID STATE LAMP
MVL-354SG UOT-MVL-354SG Datasheet
31Kb / 2P
   T-1 (3mm) PACKAGE SOLID STATE LAMP
MVL-354TG UOT-MVL-354TG Datasheet
31Kb / 2P
   T-1 (3mm) PACKAGE SOLID STATE LAMP
MVL-324SG UOT-MVL-324SG Datasheet
38Kb / 2P
   T-1 (3mm) PACKAGE SOLID STATE LAMP
MVL-524UW UOT-MVL-524UW Datasheet
36Kb / 2P
   T-1 3/4 PACKAGE SOLID STATE LAMP
MVL-5A4BS UOT-MVL-5A4BS Datasheet
31Kb / 2P
   T-1 3/4 PACKAGE SOLID STATE LAMP
MVL-564B UOT-MVL-564B Datasheet
44Kb / 2P
   T-1 3/4 PACKAGE SOLID STATE LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com