Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCT162646ATPACTE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # FCT162646ATPACTE4
Description  16-Bit Registered Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FCT162646ATPACTE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button FCT162646ATPACTE4 Datasheet HTML 2Page - Texas Instruments FCT162646ATPACTE4 Datasheet HTML 3Page - Texas Instruments FCT162646ATPACTE4 Datasheet HTML 4Page - Texas Instruments FCT162646ATPACTE4 Datasheet HTML 5Page - Texas Instruments FCT162646ATPACTE4 Datasheet HTML 6Page - Texas Instruments FCT162646ATPACTE4 Datasheet HTML 7Page - Texas Instruments FCT162646ATPACTE4 Datasheet HTML 8Page - Texas Instruments FCT162646ATPACTE4 Datasheet HTML 9Page - Texas Instruments FCT162646ATPACTE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CY74FCT16646T
CY74FCT162646T
6
Switching Characteristics Over the Operating Range[15]
Parameter
Description
CY74FCT16646T
CY74FCT16646AT
CY74FCT162646AT
Unit
Min.
Max.
Min.
Max.
Fig. No.[16]
tPLH
tPHL
Propagation Delay
Bus to Bus
1.5
9.0
1.5
6.3
ns
1, 2
tPZH
tPZL
Output Enable Time
DIR or OE to Bus
1.5
14.0
1.5
9.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
DIR or OE to Bus
1.5
9.0
1.5
6.3
ns
1, 7, 8
tPLH
tPHL
Propagation Delay
Clock to Bus
1.5
9.0
1.5
6.3
ns
1, 5
tPLH
tPHL
Propagation Delay
SBA or SAB to Bus
1.5
11.0
1.5
7.7
ns
1,5
tSU
Set-Up Time HIGH or
LOW Bus to Clock
2.0
2.0
ns
4
tH
Hold Time HIGH or
LOW Bus to Clock
1.5
1.5
ns
4
tW
Clock Pulse Width
HIGH or LOW
5.0
5.0
ns
6
tSK(O)
Output Skew[17]
0.5
0.5
ns
Parameter
Description
CY74FCT16646CT
CY74FCT162646CT
Unit
Min.
Max.
Fig. No.[16]
tPLH
tPHL
Propagation Delay
Bus to Bus
1.5
5.4
ns
1, 2
tPZH
tPZL
Output Enable Time
DIR or OE to Bus
1.5
7.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
DIR or OE to Bus
1.5
6.3
ns
1, 7, 8
tPLH
tPHL
Propagation Delay
Clock to Bus
1.5
5.7
ns
1, 5
tPLH
tPHL
Propagation Delay
SBA or SAB to Bus
1.5
6.2
ns
1,5
tSU
Set-Up Time HIGH or
LOW Bus to Clock
2.0
ns
4
tH
Hold Time HIGH or
LOW Bus to Clock
1.5
ns
4
tW
Clock Pulse Width
HIGH or LOW
5.0
ns
6
tSK(O)
Output Skew[17]
0.5
ns
Notes:
15. Minimum limits are specified but not tested on Propagation Delays.
16. See “Parameter Measurement Information” in the General Information section.
17. Skew any two outputs of the same package switching in the same direction. This parameter is ensured by design.


Similar Part No. - FCT162646ATPACTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FCT162652ATPVCTG4 TI-FCT162652ATPVCTG4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
FCT162652CTPACTE4 TI-FCT162652CTPACTE4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
FCT162652CTPACTG4 TI-FCT162652CTPACTG4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
FCT162652CTPVCTG4 TI-FCT162652CTPVCTG4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
More results

Similar Description - FCT162646ATPACTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com