Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC18-11EGWA Datasheet(PDF) 5 Page - Kingbright Corporation

Part # SBC18-11EGWA
Description  44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SBC18-11EGWA Datasheet(HTML) 5 Page - Kingbright Corporation

  SBC18-11EGWA Datasheet HTML 1Page - Kingbright Corporation SBC18-11EGWA Datasheet HTML 2Page - Kingbright Corporation SBC18-11EGWA Datasheet HTML 3Page - Kingbright Corporation SBC18-11EGWA Datasheet HTML 4Page - Kingbright Corporation SBC18-11EGWA Datasheet HTML 5Page - Kingbright Corporation SBC18-11EGWA Datasheet HTML 6Page - Kingbright Corporation SBC18-11EGWA Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPEC NO: DSAD2320
REV NO: V.6
DATE: MAY/24/2007
PAGE: 5 OF 7
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000675
Green


Similar Part No. - SBC18-11EGWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SBC18-11EGWA KINGBRIGHT-SBC18-11EGWA Datasheet
498Kb / 5P
   45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SBC18-11EGWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC18-11YWA KINGBRIGHT-SC18-11YWA Datasheet
222Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SA18-11YWA KINGBRIGHT-SA18-11YWA Datasheet
221Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11EWA KINGBRIGHT-SC18-11EWA Datasheet
221Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SA18-11EWA KINGBRIGHT-SA18-11EWA_07 Datasheet
221Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SBA18-11EGWA KINGBRIGHT-SBA18-11EGWA Datasheet
310Kb / 7P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11SRWA KINGBRIGHT-SC18-11SRWA Datasheet
219Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
219Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SA18-11GWA KINGBRIGHT-SA18-11GWA Datasheet
221Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SA18-11SRWA KINGBRIGHT-SA18-11SRWA Datasheet
219Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR46C SUNLED-DMR46C Datasheet
205Kb / 5P
   44.5mm (1.8) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com