Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCT162646CTPVCTG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # FCT162646CTPVCTG4
Description  16-Bit Registered Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FCT162646CTPVCTG4 Datasheet(HTML) 4 Page - Texas Instruments

  FCT162646CTPVCTG4 Datasheet HTML 1Page - Texas Instruments FCT162646CTPVCTG4 Datasheet HTML 2Page - Texas Instruments FCT162646CTPVCTG4 Datasheet HTML 3Page - Texas Instruments FCT162646CTPVCTG4 Datasheet HTML 4Page - Texas Instruments FCT162646CTPVCTG4 Datasheet HTML 5Page - Texas Instruments FCT162646CTPVCTG4 Datasheet HTML 6Page - Texas Instruments FCT162646CTPVCTG4 Datasheet HTML 7Page - Texas Instruments FCT162646CTPVCTG4 Datasheet HTML 8Page - Texas Instruments FCT162646CTPVCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY74FCT16646T
CY74FCT162646T
4
Maximum Ratings[4]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .....................Com’l
−55°C to +125°C
Ambient Temperature with
Power Applied .................................Com’l
−55°C to +125°C
DC Input Voltage
.................................................−0.5V to +7.0V
DC Output Voltage
..............................................−0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin)
...........................−60 to +120 mA
Power Dissipation .......................................................... 1.0W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Operating Range
Range
Ambient
Temperature
VCC
Industrial
−40°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[6]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=−18 mA
−0.7
−1.2
V
IIH
Input HIGH Current
VCC=Max., VI=VCC
±1
µA
IIL
Input LOW Current
VCC=Max., VI=GND
±1
µA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=2.7V
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=0.5V
±1
µA
IOS
Short Circuit Current[7]
VCC=Max., VOUT=GND
−80
−140
−200
mA
IO
Output Drive Current[7]
VCC=Max., VOUT=2.5V
−50
−180
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
[9]
±1
µA
Output Drive Characteristics for CY74FCT16646T
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=−3 mA
2.5
3.5
V
VCC=Min., IOH=−15 mA
2.4
3.5
V
VCC=Min., IOH=−32 mA
2.0
3.0
V
VOL
Output LOW Voltage
VCC=Min., IOL=64 mA
0.2
0.55
V
Output Drive Characteristics for CY74FCT162646T
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
IODL
Output LOW Current[7]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
60
115
150
mA
IODH
Output HIGH Current[7]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
−60
−115
−150
mA
VOH
Output HIGH Voltage
VCC=Min., IOH=−24 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=24 mA
0.3
0.55
V
Notes:
4.
Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
5.
Typical values are at VCC= 5.0V, TA= +25˚C ambient.
6.
This parameter is specified but not tested.
7.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of
a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametrics tests. In any sequence of parameter
tests, IOS tests should be performed last.
8.
This parameter is measured at characterization but not tested.
9.
Tested at +25˚C.


Similar Part No. - FCT162646CTPVCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FCT162652ATPVCTG4 TI-FCT162652ATPVCTG4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
FCT162652CTPACTE4 TI-FCT162652CTPACTE4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
FCT162652CTPACTG4 TI-FCT162652CTPACTG4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
FCT162652CTPVCTG4 TI-FCT162652CTPVCTG4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
More results

Similar Description - FCT162646CTPVCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com