Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT25244DWRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74BCT25244DWRE4
Description  25-W OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT25244DWRE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74BCT25244DWRE4 Datasheet HTML 1Page - Texas Instruments SN74BCT25244DWRE4 Datasheet HTML 2Page - Texas Instruments SN74BCT25244DWRE4 Datasheet HTML 3Page - Texas Instruments SN74BCT25244DWRE4 Datasheet HTML 4Page - Texas Instruments SN74BCT25244DWRE4 Datasheet HTML 5Page - Texas Instruments SN74BCT25244DWRE4 Datasheet HTML 6Page - Texas Instruments SN74BCT25244DWRE4 Datasheet HTML 7Page - Texas Instruments SN74BCT25244DWRE4 Datasheet HTML 8Page - Texas Instruments SN74BCT25244DWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN54BCT25244, SN74BCT25244
25-
Ω OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS064A – JUNE 1990 – REVISED NOVEMBER 1993
2–2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
logic diagram (positive logic)
1OE
EN
24
23
1A1
22
1A2
20
1A3
19
1A4
1Y1
1
1Y2
3
1Y3
4
1Y4
6
18
2A1
17
2A2
15
2A3
14
2A4
2Y1
7
2Y2
9
2Y3
10
2Y4
12
1
1
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
2OE
EN
13
1OE
1A1
1Y1
24
23
1
1A2
1Y2
22
3
1A3
1Y3
20
4
1A4
1Y4
19
6
2OE
2A1
2Y1
13
18
7
2A2
2Y2
17
9
2A3
2Y3
15
10
2A4
2Y4
14
12
Pin numbers shown are for the DW, JT, NT, and W packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the disabled or power-off state, VO
– 0.5 V to 5.5 V
. . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state, VO
– 0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
– 30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO: SN54BCT25244
250 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74BCT25244
376 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54BCT25244
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74BCT25244
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.


Similar Part No. - SN74BCT25244DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT25244DW TI-SN74BCT25244DW Datasheet
73Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT25244DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT25244 TI-SN54BCT25244 Datasheet
73Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com