Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC03DE170HV Datasheet(PDF) 2 Page - STMicroelectronics

Part # STC03DE170HV
Description  Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE170HV Datasheet(HTML) 2 Page - STMicroelectronics

  STC03DE170HV Datasheet HTML 1Page - STMicroelectronics STC03DE170HV Datasheet HTML 2Page - STMicroelectronics STC03DE170HV Datasheet HTML 3Page - STMicroelectronics STC03DE170HV Datasheet HTML 4Page - STMicroelectronics STC03DE170HV Datasheet HTML 5Page - STMicroelectronics STC03DE170HV Datasheet HTML 6Page - STMicroelectronics STC03DE170HV Datasheet HTML 7Page - STMicroelectronics STC03DE170HV Datasheet HTML 8Page - STMicroelectronics STC03DE170HV Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical ratings
STC03DE170HV
2/9
1
Electrical ratings
Table 3.
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCS(SS) Collector-source voltage (VBS =VGS =0V)
1700
V
VBS(OS) Base-source voltage (IC =0, VGS =0V)
30
V
VSB(OS) Source-base voltage (IC =0, VGS =0V)
9
V
VGS
Gate-source voltage
± 20
V
IC
Collector current
3
A
ICM
Collector peak current (tP < 5ms)
6
A
IB
Base current
1
A
IBM
Base peak current (tP < 1ms)
3
A
Ptot
Total dissipation at Tc ≤ 25°C
100
W
Tstg
Storage temperature
-40 to 150
°C
TJ
Max. operating junction temperature
125
°C
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case
max
1
°C/W


Similar Part No. - STC03DE170HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
More results

Similar Description - STC03DE170HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE170HP STMICROELECTRONICS-STC03DE170HP_07 Datasheet
281Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
   Emitter switched bipolar transistor ESBT짰 1700V - 4A - 0.17 W
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC05DE120HV STMICROELECTRONICS-STC05DE120HV Datasheet
229Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1200V - 5A - 0.18 ohm
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
STC04IE170HP STMICROELECTRONICS-STC04IE170HP Datasheet
282Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC04IE170HV_0611 STMICROELECTRONICS-STC04IE170HV_0611 Datasheet
255Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com