Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHK4600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHK4600
Description  High Intensity LED in ∅ 3 mm Tinted Diffused Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHK4600 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHK4600_04 Datasheet HTML 1Page - Vishay Siliconix TLHK4600_04 Datasheet HTML 2Page - Vishay Siliconix TLHK4600_04 Datasheet HTML 3Page - Vishay Siliconix TLHK4600_04 Datasheet HTML 4Page - Vishay Siliconix TLHK4600_04 Datasheet HTML 5Page - Vishay Siliconix TLHK4600_04 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 83102
Rev. 1.5, 31-Aug-04
VISHAY
TLHK4600
Vishay Semiconductors
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLHK4600
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
IV
6.3
15
mcd
Dominant wavelength
IF = 10 mA
λd
630
nm
Peak wavelength
IF = 10 mA
λp
643
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
1.9
2.6
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
Reverse voltage
IR = 10 µAVR
5V
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature for InGaN
0
25
50
75
100
125
95 10887
Tamb - Ambient Temperature ( °C)
100
80
60
40
20
0
0
10
20
30
40
60
95 10894
50
Tamb - Ambient Temperature ( °C)
100
80
60
40
20
0
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
Figure 4. Forward Current vs. Forward Voltage
0.4
0.2
0
0.2
0.4
0.6
95 10043
0.6
0.9
0.8
0°°
°
30°
10
20
40°
50°
60°
70°
80°
0.7
1.0
1
10
100
1.0
1.5
2.0
2.5
3.0
VF - Forward Voltage(V)
95 10878


Similar Part No. - TLHK4600_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK4600 VISHAY-TLHK4600_V01 Datasheet
106Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHK4600 VISHAY-TLHK4600_V02 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLHK4600_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK4600 VISHAY-TLHK4600 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 03-Apr-99
TLHE4600 VISHAY-TLHE4600 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHE4400 VISHAY-TLHE4400 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHF4600 VISHAY-TLHF4600 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHK4400 VISHAY-TLHK4400 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 03-Apr-99
TLDR4400 VISHAY-TLDR4400_V01 Datasheet
108Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHF4400 VISHAY-TLHF4400_V01 Datasheet
111Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHK44R1S2 VISHAY-TLHK44R1S2_V01 Datasheet
109Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHF4200 VISHAY-TLHF4200 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Non . Diffused Package
Rev. A1, 04-Feb-99
TLHF4601 VISHAY-TLHF4601 Datasheet
107Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com