Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE182 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJE182
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE182 Datasheet(HTML) 1 Page - STMicroelectronics

  MJE182 Datasheet HTML 1Page - STMicroelectronics MJE182 Datasheet HTML 2Page - STMicroelectronics MJE182 Datasheet HTML 3Page - STMicroelectronics MJE182 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJE172
MJE182
COMPLEMENTARY SILICON POWER TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
DESCRIPTION
The MJE172 (PNP type) and MJE182 (NPN type)
are
silicon
epitaxial
planar,
complementary
transistors in Jedec SOT-32 plastic package, they
are designed for low power audio amplifier and
low current, high speed switching applications.
®
INTERNAL SCHEMATIC DIAGRAM
September 1998
3
2
1
SOT-32
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
NPN
MJE182
PNP
MJE172
VCEO
Collector-Emitter Voltage (IB = 0)
80
80
V
VCBO
Collector-Base Voltage (IE = 0)
100
100
V
VEBO
Base-Emitter Voltage (IC = 0)
7
7
V
IC
Collector Current
3
3
A
ICM
Collector Peak Current
6
6
A
IB
Base Current
1
1
A
Ptot
Total Power Dissipation at Tcase
≤ 25 oC
12.5
12.5
W
1/4


Similar Part No. - MJE182

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE182 MOSPEC-MJE182 Datasheet
228Kb / 4P
   POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Central Semiconductor C...
MJE182 CENTRAL-MJE182 Datasheet
71Kb / 1P
   SILICON COMPLEMENTRY POWER TRANSISTOR
logo
Motorola, Inc
MJE182 MOTOROLA-MJE182 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
logo
ON Semiconductor
MJE182 ONSEMI-MJE182 Datasheet
172Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 2
logo
Fairchild Semiconductor
MJE182 FAIRCHILD-MJE182 Datasheet
48Kb / 4P
   Low Power Audio Amplifier Low Current High Speed Switching Applications
More results

Similar Description - MJE182

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com