Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA39-12YWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # SA39-12YWA
Description  9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA39-12YWA Datasheet(HTML) 2 Page - Kingbright Corporation

  SA39-12YWA Datasheet HTML 1Page - Kingbright Corporation SA39-12YWA Datasheet HTML 2Page - Kingbright Corporation SA39-12YWA Datasheet HTML 3Page - Kingbright Corporation SA39-12YWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAH8627
REV NO: V.1
DATE: OCT/27/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: C.WANG
ERP: 1301000424
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
SA39-12YWA
Yellow (GaAsP/GaP)
WHITE DIFFUSED
800
3000
Common Anode, Rt.
Hand Decimal.
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
λD [1]
Dominant Wavelength
Yellow
588
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Yellow
2.1
2.5
V
IF=20mA
IR
Reverse Current
Yellow
10
uA
VR=5V
Parameter
Yellow
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Similar Part No. - SA39-12YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA39-12YWA KINGBRIGHT-SA39-12YWA Datasheet
152Kb / 5P
   9.9 MM (0.39INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SA39-12YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC39-11PBWA-A KINGBRIGHT-SC39-11PBWA-A Datasheet
204Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-11GWA KINGBRIGHT-SC39-11GWA Datasheet
183Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SA39-12SRWA KINGBRIGHT-SA39-12SRWA Datasheet
182Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SA39-12EWA KINGBRIGHT-SA39-12EWA Datasheet
140Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SA39-11PBWA-A KINGBRIGHT-SA39-11PBWA-A Datasheet
186Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-12YWA KINGBRIGHT-SC39-12YWA Datasheet
184Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-12EWA KINGBRIGHT-SC39-12EWA Datasheet
184Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SA39-11SRWA KINGBRIGHT-SA39-11SRWA Datasheet
181Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SA39-11EWA KINGBRIGHT-SA39-11EWA Datasheet
184Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-12GWA KINGBRIGHT-SC39-12GWA Datasheet
203Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com