Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTK2012RWC-Z-F01 Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APTK2012RWC-Z-F01
Description  2.0x1.25mm SMD CHIP LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTK2012RWC-Z-F01 Datasheet(HTML) 3 Page - Kingbright Corporation

  APTK2012RWC-Z-F01 Datasheet HTML 1Page - Kingbright Corporation APTK2012RWC-Z-F01 Datasheet HTML 2Page - Kingbright Corporation APTK2012RWC-Z-F01 Datasheet HTML 3Page - Kingbright Corporation APTK2012RWC-Z-F01 Datasheet HTML 4Page - Kingbright Corporation APTK2012RWC-Z-F01 Datasheet HTML 5Page - Kingbright Corporation APTK2012RWC-Z-F01 Datasheet HTML 6Page - Kingbright Corporation APTK2012RWC-Z-F01 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAH3790
REV NO: V.1
DATE: JUN/08/2007
PAGE: 3 OF 7
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1204000745
White
APTK2012RWC/Z-F01
Brightness codes
luminous Intensity
Note1
Iv(mcd) @ 20mA
Φv (mlm)
Note2
@ 20mA
Code.
Min.
Max.
Typ.
R
380
550
1270
S
480
750
1720
T
650
1100
2380
Notes:
1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data.
For the purpose of product enhancement, the typical data is subject to change without prior notice.


Similar Part No. - APTK2012RWC-Z-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTK2012RWC-A-F01 KINGBRIGHT-APTK2012RWC-A-F01 Datasheet
292Kb / 7P
   2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - APTK2012RWC-Z-F01

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0805-B GILWAY-GHB-0805-B Datasheet
141Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APTK2012SECK-F01 KINGBRIGHT-APTK2012SECK-F01 Datasheet
291Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-0805-R GILWAY-GHB-0805-R Datasheet
134Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APTC2012CGCK KINGBRIGHT-APTC2012CGCK Datasheet
101Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
AP2012PBC-A KINGBRIGHT-AP2012PBC-A Datasheet
158Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SECK-F01 KINGBRIGHT-APHCM2012SECK-F01 Datasheet
281Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SYCK-F01 KINGBRIGHT-APHCM2012SYCK-F01 Datasheet
279Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012VGC-A-F01 KINGBRIGHT-APHCM2012VGC-A-F01 Datasheet
284Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APT2012SGC KINGBRIGHT-APT2012SGC_07 Datasheet
273Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
AP2012SURC KINGBRIGHT-AP2012SURC Datasheet
125Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
APT2012ZGC KINGBRIGHT-APT2012ZGC Datasheet
279Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com