Electronic Components Datasheet Search |
|
APTR3216PBC-Z Datasheet(PDF) 2 Page - Kingbright Corporation |
|
APTR3216PBC-Z Datasheet(HTML) 2 Page - Kingbright Corporation |
2 / 5 page SPEC NO: DSAH3802 REV NO: V.1 DATE: JUN/08/2007 PAGE: 2 OF 5 APPROVED: WYNEC CHECKED: Allen Liu DRAWN: Y.L.LI ERP: 1203006799 Selection Guide Notes: 1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%. Absolute Maximum Ratings at TA=25°C Electrical / Optical Characteristics at TA=25°C Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Part No. Dice Lens Type Viewing Angle [1] Min. Typ. 2θ1/2 APTR3216PBC/Z Blue (InGaN) WATER CLEAR 50 160 120 ° Iv (mcd) [2] @ 20mA Symbol Parameter Device Typ. Max. Units Test Conditions λpeak Peak Wavelength Blue 467 nm IF=20mA λD [1] Dominant Wavelength Blue 470 nm IF=20mA Δλ1/2 Spectral Line Half-width Blue 22 nm IF=20mA C Capacitance Blue 110 pF VF=0V;f=1MHz VF [2] Forward Voltage Blue 3.2 4 V IF=20mA IR Reverse Current Blue 10 uA VR=5V Parameter Blue Units Power dissipation 120 mW DC Forward Current 30 mA Peak Forward Current [1] 100 mA Reverse Voltage 5 V Operating Temperature -40°C To +85°C Storage Temperature -40°C To +85°C |
Similar Part No. - APTR3216PBC-Z |
|
Similar Description - APTR3216PBC-Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |