Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F100B-120XM3TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # M29F100B-120XM3TR
Description  1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F100B-120XM3TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M29F100B-120XM3TR Datasheet HTML 6Page - STMicroelectronics M29F100B-120XM3TR Datasheet HTML 7Page - STMicroelectronics M29F100B-120XM3TR Datasheet HTML 8Page - STMicroelectronics M29F100B-120XM3TR Datasheet HTML 9Page - STMicroelectronics M29F100B-120XM3TR Datasheet HTML 10Page - STMicroelectronics M29F100B-120XM3TR Datasheet HTML 11Page - STMicroelectronics M29F100B-120XM3TR Datasheet HTML 12Page - STMicroelectronics M29F100B-120XM3TR Datasheet HTML 13Page - STMicroelectronics M29F100B-120XM3TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
DQ
Name
Logic Level
Definition
Note
7
Data
Polling
’1’
Erase Complete or erase
block in Erase Suspend
Indicates the P/E.C. status, check during
Program or Erase, and on completion
before checking bits DQ5 for Program or
Erase Success.
’0’
Erase On-going
DQ
Program Complete or data
of non erase block during
Erase Suspend
DQ
Program On-going
6
Toggle Bit
’-1-0-1-0-1-0-1-’
Erase or Program On-going
Successive reads output complementary
data on DQ6 while Programming or Erase
operations are on-going. DQ6 remains at
constant level when P/E.C. operations are
completed or Erase Suspend is
acknowledged.
DQ
Program Complete
’-1-1-1-1-1-1-1-’
Erase Complete or Erase
Suspend on currently
addressed block
5
Error Bit
’1’
Program or Erase Error
This bit is set to ’1’ in the case of
Programming or Erase failure.
’0’
Program or Erase On-going
4
Reserved
3
Erase
Time Bit
’1’
Erase Timeout Period Expired
P/E.C. Erase operation has started. Only
possible command entry is Erase Suspend
(ES).
’0’
Erase Timeout Period
On-going
An additional block to be erased in parallel
can be entered to the P/E.C.
2
Toggle Bit
’-1-0-1-0-1-0-1-’
Chip Erase, Erase or Erase
Suspend on the currently
addressed block.
Erase Error due to the
currently addressed block
(when DQ5 = ’1’).
Indicates the erase status and allows to
identify the erased block
1
Program on-going, Erase
on-going on another block or
Erase Complete
DQ
Erase Suspend read on
non Erase Suspend block
1
Reserved
0
Reserved
Notes: Logic level ’1’ is High, ’0’ is Low. -0-1-0-0-0-1-1-1-0- represent bit value in successive Read operations.
Table 9. Status Register Bits
Toggle Bit (DQ6). When Programming or Erasing
operations are in progress, successive attempts to
read DQ6 will output complementarydata. DQ6 will
toggle following toggling of either G, or E when G
is low. The operation is completed when two suc-
cessive reads yield the same output data. The next
read will output the bit last programmed or a ’1’ after
erasing. The toggle bit DQ6 is valid only during
P/E.C. operations, that is after the fourth W pulse
for programming or after the sixth W pulse for
Erase. If the blocks selected for erasure are pro-
tected, DQ6 will toggle for about 100
µs and then
return back to Read. DQ6 will be set to ’1’ if a Read
operationis attemptedon an Erase Suspendblock.
When erase is suspended DQ6 will toggle during
programming operations in a block different to the
block in Erase Suspend. Either E or G toggling will
cause DQ6 to toggle. See Figure 12 for Toggle Bit
flowchart and Figure 13 for Toggle Bit waveforms.
10/30
M29F100T, M29F100B


Similar Part No. - M29F100B-120XM3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F100BB-120M1T STMICROELECTRONICS-M29F100BB-120M1T Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100BB-120M3T STMICROELECTRONICS-M29F100BB-120M3T Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100BB-120M6T STMICROELECTRONICS-M29F100BB-120M6T Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100BB-120N1T STMICROELECTRONICS-M29F100BB-120N1T Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100BB-120N3T STMICROELECTRONICS-M29F100BB-120N3T Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
More results

Similar Description - M29F100B-120XM3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
   2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
logo
STMicroelectronics
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
M29F102BB STMICROELECTRONICS-M29F102BB Datasheet
126Kb / 20P
   1 Mbit 64Kb x16, Boot Block Single Supply Flash Memory
M29F102BB STMICROELECTRONICS-M29F102BB Datasheet
432Kb / 24P
   1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
M29W200BT STMICROELECTRONICS-M29W200BT Datasheet
503Kb / 22P
   2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W102BT STMICROELECTRONICS-M29W102BT Datasheet
154Kb / 20P
   1 Mbit 64Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F160BT STMICROELECTRONICS-M29F160BT Datasheet
174Kb / 22P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
   1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com