Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA36-11YWA Datasheet(PDF) 4 Page - Kingbright Corporation

Part # SA36-11YWA
Description  9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA36-11YWA Datasheet(HTML) 4 Page - Kingbright Corporation

  SA36-11YWA Datasheet HTML 1Page - Kingbright Corporation SA36-11YWA Datasheet HTML 2Page - Kingbright Corporation SA36-11YWA Datasheet HTML 3Page - Kingbright Corporation SA36-11YWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAD2247
REV NO: V.8
DATE: MAY/15/2007
PAGE: 4 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000352
PACKING & LABEL SPECIFICATIONS
SA36-11YWA


Similar Part No. - SA36-11YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA36-11YWA KINGBRIGHT-SA36-11YWA Datasheet
149Kb / 5P
   9mm(0.36INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SA36-11YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC36-11EWA KINGBRIGHT-SC36-11EWA Datasheet
183Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SC36-11SRWA KINGBRIGHT-SC36-11SRWA Datasheet
181Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SC36-11GWA KINGBRIGHT-SC36-11GWA Datasheet
182Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SA36-11SRWA KINGBRIGHT-SA36-11SRWA Datasheet
182Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SC36-11YWA KINGBRIGHT-SC36-11YWA Datasheet
184Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SA36-11GWA KINGBRIGHT-SA36-11GWA Datasheet
184Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SA36-11EWA KINGBRIGHT-SA36-11EWA Datasheet
140Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUG09A SUNLED-DUG09A Datasheet
179Kb / 4P
   9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUG09C SUNLED-DUG09C Datasheet
179Kb / 4P
   9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DMR09C SUNLED-DMR09C Datasheet
179Kb / 4P
   9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com