Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2914N Datasheet(PDF) 7 Page - Texas Instruments

Part # UC2914N
Description  5-V TO 35-V HOT SWAP POWER MANAGER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2914N Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC2914N Datasheet HTML 3Page - Texas Instruments UC2914N Datasheet HTML 4Page - Texas Instruments UC2914N Datasheet HTML 5Page - Texas Instruments UC2914N Datasheet HTML 6Page - Texas Instruments UC2914N Datasheet HTML 7Page - Texas Instruments UC2914N Datasheet HTML 8Page - Texas Instruments UC2914N Datasheet HTML 9Page - Texas Instruments UC2914N Datasheet HTML 10Page - Texas Instruments UC2914N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
UC2914
UC3914
SLUS425C − DECEMBER 2003 − REVISED JULY 2004
7
www.ti.com
APPLICATION INFORMATION
The UC3914 is to be used in conjunction with external passive components and an N-channel MOSFET to
facilitate hot swap capability of application modules. A typical application setup is given in Figure 1.
UDG−98194
14
12
11
17
2
10
4
5
9
18
1
8
7
16
6
15
13
+
VPUMP
PLIM
VOUTS
OUT
+
+
+
+
+
S
Q
QR
T
+
CT
LR
GND
VPUMP
PMPB
OSCB
PMP
OSC
R1
R2
C1
C2
SENSE
VCC
IMAX
REF
CP1
VCC − 2 V
Reference
250 kHz
Oscillator
200 mV
50 mV
Overload
Comparator
Overcurrent
Comparator
RPL
To VOUT
RSENSE
VFAULT
= 50 mV
Undervoltage
Lockout
4.0 V/ 3.8 V
To Linear
Amplifier
VOUT + 10 V
(45 VMAX)
CP2
CPUMP
To VOUT
To VCC
RFAULT
FAULT
SD
VCC
15 V
To
Linear
Amplifier
VCC
CT
Fault
Latch
Fault
Timing
Circuitry
H = Close
H = Close
Toggle
1.4 V
0.5 V
2.5 V
3 mA
103
µA
VCC
VCC
3
µA
Q
Q
Figure 1. Typical Application
The term hot swap refers to the system requirement that submodules be swapped in or out upon failure or
system modification without removing power to the operating hardware. The integrity of the power bus must not
be compromised due to the addition of an unpowered module. Significant power bus glitches can occur due to
the substantial initial charging current of on-board module bypass capacitance and other load conditions (for
more information on hot swapping and power management applications, see SLUA157). The UC3914 provides
protection by monitoring and controlling the output current of an external N-channel MOSFET to charge this
capacitance and provide load current. The addition of the N-channel MOSFET, a sense resistor, RSENSE, and
two other resistors, R1 and R2, sets the programmed maximum current level the N-channel MOSFET can
source to charge the load in a controlled manner. The equation for this current, IMAX, is:
I
MAX +
V
VCC * VIMAX
R
SENSE
where
D VIMAX is the voltage generated at the IMAX pin
(4)


Similar Part No. - UC2914N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2914 TI-UC2914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
More results

Similar Description - UC2914N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com