Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM50DY-2HB Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # QM50DY-2HB
Description  TRANSISTOR MODULES MEDIUM POWER SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM50DY-2HB Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  QM50DY-2HB Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM50DY-2HB Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM50DY-2HB Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM50DY-2HB Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM50DY-2HB Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
1
10
0
10
0
10
–1
10
–2
10
–3
10
–1
10
1
10
0
10
2
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0
100
200
300
400
500
2
10
7
5
4
3
2
1
10
7
5
4
3
2
0
10
0
10
23 4 5 7
1
10
23 4 5 7
2
10
IB1=100mA
–IB2=1A
VCC=600V
Tj=125°C
Tj=25°C
Irr
trr
Qrr
7
5
3
2
7
5
3
2
7
5
3
2
2.0
1.6
1.2
0.8
0.4
0
44
4
23 4 5 7
3
2
5
4
1.8
1.4
1.0
0.6
0.2
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (DIODE )
RATED SURGE COLLECTOR REVERSE CURRENT
(DIODE FORWARD SURGE CURRENT)
REVERSE RECOVERY CHARACTERISTICS
OF FREE-WHEEL DIODE (TYPICAL)
CONDUCTION TIME (CYCLES AT 60Hz)
FORWARD CURRENT
IF (A)
TIME (s)
MITSUBISHI TRANSISTOR MODULES
QM50DY-2HB
MEDIUM POWER SWITCHING USE
INSULATED TYPE


Similar Part No. - QM50DY-2HB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM50DY-2H MITSUBISHI-QM50DY-2H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM50DY-2HB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM50DU-24H MITSUBISHI-CM50DU-24H Datasheet
116Kb / 4P
   IGBT MODULES MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TU-24H MITSUBISHI-CM50TU-24H_09 Datasheet
121Kb / 4P
   IGBT MODULES MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50E3U-24H MITSUBISHI-CM50E3U-24H_09 Datasheet
79Kb / 4P
   IGBT MODULES MEDIUM POWER SWITCHING USE INSULATED TYPE
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com