Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3914N Datasheet(PDF) 6 Page - Texas Instruments

Part # UC3914N
Description  5-V TO 35-V HOT SWAP POWER MANAGER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3914N Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC3914N Datasheet HTML 2Page - Texas Instruments UC3914N Datasheet HTML 3Page - Texas Instruments UC3914N Datasheet HTML 4Page - Texas Instruments UC3914N Datasheet HTML 5Page - Texas Instruments UC3914N Datasheet HTML 6Page - Texas Instruments UC3914N Datasheet HTML 7Page - Texas Instruments UC3914N Datasheet HTML 8Page - Texas Instruments UC3914N Datasheet HTML 9Page - Texas Instruments UC3914N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
UC2914
UC3914
SLUS425C − DECEMBER 2003 − REVISED JULY 2004
6
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CT
15
I/O
A capacitor is connected to this pin in order to set the maximum fault time. The minimum fault time must be
more than the time to charge external load capacitance. The fault time is defined as shown in equation (1)
where ICH = 100 µA + IPL, where IPL is the current into the power limit pin. Once the fault time is reached the
output shuts down for a time given by equation (2) where IDIS is nominally 3 µA..
FAULT
10
O
Open collector output which pulls low upon any of the following conditions: timer fault, shutdown, UVLO. This
pin MUST be pulled up to VVCC or another supply through a suitable impedance.
GND
1
Ground reference for the device.
IMAX
16
I
This pin programs the maximum allowable sourcing current. Since REF is a −2-V reference (with respect to
VCC), a voltage divider can be derived from VCC to REF in order to generate the program level for the IMAX
pin. The current level at which the output appears as a current source is equal to the voltage on the IMAX pin,
with respect to VCC, divided by the current sense resistor. If desired, a controlled current startup can be pro-
grammed with a capacitor on IMAX to VCC.
LR
13
I
If this pin is held high and a fault occurs, the timer is prevented from resetting the fault latch when CT is dis-
charged below the reset comparator threshold. The part does not retry until this pin is brought to a logic low or a
power-on-reset occurs. Pulling this pin low before the reset time is reached does not clear the fault until the
reset time is reached. Floating or holding this pin low results in the part repeatedly trying to reset itself if a fault
occurs.
OUT
11
O
Output drive to the MOSFET pass element. Internal clamping ensures that the maximum VGS drive is 15 V.
OSC
6
O
Complementary output drivers for intermediate charge pump stages. A 0.01-
µF capacitor should be placed
OSCB
5
O
Complementary output drivers for intermediate charge pump stages. A 0.01-
µF capacitor should be placed
between OSC and PMP, and OSCB and PMPB.
PLIM
14
I
This feature ensures that the average MOSFET power dissipation is controlled. A resistor is connected from this
pin to VCC. Current flows into PLIM, adding to the fault timer charge current, reducing the duty cycle from the
typical 3% level. When IPL >> 100 µA then the average MOSFET power dissipation is given by equation (3).
PMP
9
I
Complementary pins which couple charge pump capacitors to internal diodes and are used to provide charge
PMPB
8
I
Complementary pins which couple charge pump capacitors to internal diodes and are used to provide charge
to the reservoir capacitor tied to VPUMP. Typical capacitor values used are 0.01-
µF.
REF
18
O
−2-V reference with respect to VCC used to program the IMAX pin voltage. A 0.1-
µF ceramic or tantalum ca-
pacitor MUST be tied between this pin and VCC to ensure proper operation of the device.
SD
4
I
When this TTL-compatible input is brought to a logic low, the output of the linear amplifier is driven low, FAULT
is pulled low and the device is put into a low power mode. The ABSOLUTE maximum voltage that can be
placed on this pin is 12 V.
SENSE
17
I
Input voltage from the current sense resistor. When there is greater than 50 mV on this pin with respect to
VCC, a fault is sensed and CT begins to charge.
VCC
2
I
Input voltage to the device. The voltage range is from 4.5 V to 35 V. The minimum input voltage required for
operation is 4.5 V.
VOUTS
12
O
Source connection of external N-channel MOSFET and sensed output voltage of load.
VPUMP
7
O
Charge pump output voltage. A capacitor should be tied between this pin and VOUTS with a typical value be-
ing 0.01-
µF.
T
FAULT +
2
C
T
I
CH
T
SD +
2
C
T
I
DIS
P
FET(avg) + IMAX
3
10*6
R
PL
(1)
(2)
(3)


Similar Part No. - UC3914N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3914 TI-UC3914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
More results

Similar Description - UC3914N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com