Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V436516Y04VATG-75PC Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V436516Y04VATG-75PC
Description  128MB 144-PIN UNBUFFERED SDRAM SODIMM, 16MX64 3.3VOLT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436516Y04VATG-75PC Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V436516Y04VATG-75PC Datasheet HTML 1Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 2Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 3Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 4Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 5Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 6Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 7Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 8Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MOSEL VITELIC
V436516Y04V
3
V436516Y04V Rev. 1.0 October 2001
Part Number Information
Block Diagram
CS0
WE
U0–U7
A0–A11, BA0, BA1
VDD
U0–U3
CKE0
U4–U7
CKEI
U0–U7
RAS
U0–U7
CAS
Note: All resistors are 10 Ohms
U0–U7
U0, U1
CLK0
VSS
U2, U3
SCL
SDA
U4, U5
CLKI
U6, U7
0
0
SPD
A0
A1
A2
DQMB4
DQMB5
DQ32–39
DQ40–47
UDQM
U2
LDQM
DQMB0
DQMB1
DQ0–7
DQ8–15
UDQM
U0
LDQM
DQMB6
DQMB7
DQ43–54
DQ55–63
UDQM
U3
LDQM
DQMB2
DQMB3
DQ16–23
DQ24–31
UDQM
U1
LDQM
CS
WE
CS
WE
CS
WE
CS
WE
CS1
WE
DQMB4
DQMB5
DQ32–39
DQ40–47
UDQM
U6
LDQM
DQMB0
DQMB1
DQ0–7
DQ8–15
UDQM
U4
LDQM
DQMB6
DQMB7
DQ43–54
DQ55–63
UDQM
U7
LDQM
DQMB2
DQMB3
DQ16–23
DQ24–31
UDQM
U5
LDQM
CS
WE
CS
WE
CS
WE
CS
WE
V
4
3
65
16
Y
0
4
V
A
T
G -XX
SDRAM
3.3V
WIDTH
DEPTH
168 PIN REGISTERED
DIMM X16 COMPONENT
REFRESH
RATE4K
4BANKS
LVTTL
COMPONENT
REV LEVEL
COMPONENT
PACKAGE, T = TSOP
LEAD FINISH
G= GOLD
SPEED
75 = PC133 CL3
MOSEL VITELIC
MANUFACTURED
75PC=PC133 CL2,3
10PC=PC100 CL2,3


Similar Part No. - V436516Y04VATG-75PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436516R04VATG-10PC MOSEL-V436516R04VATG-10PC Datasheet
223Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC100 UNBUFFERED SDRAM MODULE
V436516R04VATG-75 MOSEL-V436516R04VATG-75 Datasheet
189Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC133 UNBUFFERED SDRAM MODULE
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436516R04VXTG-10PCL MOSEL-V436516R04VXTG-10PCL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436516R04VXTG-75L MOSEL-V436516R04VXTG-75L Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
More results

Similar Description - V436516Y04VATG-75PC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
logo
Mosel Vitelic, Corp
V436664X24V MOSEL-V436664X24V Datasheet
299Kb / 13P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
V436632Y24V MOSEL-V436632Y24V Datasheet
314Kb / 12P
   256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
logo
White Electronic Design...
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com