Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V436516Y04VATG-75PC Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # V436516Y04VATG-75PC
Description  128MB 144-PIN UNBUFFERED SDRAM SODIMM, 16MX64 3.3VOLT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436516Y04VATG-75PC Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V436516Y04VATG-75PC Datasheet HTML 3Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 4Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 5Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 6Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 7Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 8Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 9Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 10Page - Mosel Vitelic, Corp V436516Y04VATG-75PC Datasheet HTML 11Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
V436516Y04V Rev. 1.0 October 2001
MOSEL VITELIC
V436516Y04V
Notes:
1.
The specified values are valid when addresses are changed no more than once during tCK(min.) and when No
Operation commands are registered on every rising clock edge during tRC(min). Values are shown per module
bank.
2.
The specified values are valid when data inputs (DQ’s) are stable during tRC(min.).
3.
All AC characteristics are shown for device level.
An initial pause of 100
µs is required after power-up, then a Precharge All Banks command must be given followed
by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can begin.
4.
AC timing tests have VIL =0.4V and VIH = 2.4V with the timing referenced to the 1.4V crossover point. The transition
time is measured between VIH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit
shown. Specific tac and toh parameters are measured with a 50 pF only, without any resistive termination and with
a input signal of 1V / ns edge rate between 0.8V and 2.0V.
Read Cycle
21
tOH
Data Out Hold Time
2.7
2.7
2.7
ns
2
22
tLZ
Data Out to Low Impedance Time
1
1
1
ns
23
tHZ
Data Out to High Impedance Time
5.4
5.4
5.4
ns
7
24
tDQZ
DQM Data Out Disable Latency
2
2
2CLK
Write Cycle
25
tWR
Write Recovery Time
1
1
1
CLK
26
tDQW
DQM Write Mask Latency
0
0
0
CLK
AC Characteristics
TA =0° to 70°C; VSS =0V; VCC =3.3V ± 0.3V, tT = 1 ns (Continued)
#
Symbol
Parameter
Limit Values
Unit
Note
-75PC
-75
-10PC
Min.
Max.
Min.
Max.
Min.
Max.
1.4V
1.4V
tSETUP
tHOLD
tAC
tAC
tLZ
tOH
tHZ
CLOCK
INPUT
OUTPUT
50 pF
I/O
Z=50 Ohm
+1.4 V
50 Ohm
2.4V
0.4V
tT
tCL
tCH
I/O
Measurement conditions for
tac and toh
50 pF


Similar Part No. - V436516Y04VATG-75PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436516R04VATG-10PC MOSEL-V436516R04VATG-10PC Datasheet
223Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC100 UNBUFFERED SDRAM MODULE
V436516R04VATG-75 MOSEL-V436516R04VATG-75 Datasheet
189Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC133 UNBUFFERED SDRAM MODULE
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436516R04VXTG-10PCL MOSEL-V436516R04VXTG-10PCL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436516R04VXTG-75L MOSEL-V436516R04VXTG-75L Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
More results

Similar Description - V436516Y04VATG-75PC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
logo
Mosel Vitelic, Corp
V436664X24V MOSEL-V436664X24V Datasheet
299Kb / 13P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
V436632Y24V MOSEL-V436632Y24V Datasheet
314Kb / 12P
   256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
logo
White Electronic Design...
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com