Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8607701CA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 8607701CA
Description  High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

8607701CA Datasheet(HTML) 1 Page - Texas Instruments

  8607701CA Datasheet HTML 1Page - Texas Instruments 8607701CA Datasheet HTML 2Page - Texas Instruments 8607701CA Datasheet HTML 3Page - Texas Instruments 8607701CA Datasheet HTML 4Page - Texas Instruments 8607701CA Datasheet HTML 5Page - Texas Instruments 8607701CA Datasheet HTML 6Page - Texas Instruments 8607701CA Datasheet HTML 7Page - Texas Instruments 8607701CA Datasheet HTML 8Page - Texas Instruments 8607701CA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS175D
Features
• Typical Propagation Delay = 17ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Replaces LS180 Types
• Easily Cascadable
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC280 and ’HCT280 are 9-bit odd/even parity, generator
checker devices. Both even and odd parity outputs are
available for checking or generating parity for words up to nine
bits long. Even parity is indicated (
ΣE output is high) when an
even number of data inputs is high. Odd parity is indicated
(
ΣO output is high) when an odd number of data inputs is
high. Parity checking for words larger than 9 bits can be
accomplished by tying the
ΣE output to any input of an
additional HC/HCT280 parity checker.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC280F3A
-55 to 125
14 Ld CERDIP
CD54HCT280F3A
-55 to 125
14 Ld CERDIP
CD74HC280E
-55 to 125
14 Ld PDIP
CD74HC280MT
-55 to 125
14 Ld SOIC
CD74HC280M96
-55 to 125
14 Ld SOIC
CD74HCT280E
-55 to 125
14 Ld PDIP
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
Pinout
CD54HC280, CD54HCT280
(CERDIP)
CD74HC280
(PDIP, SOIC)
CD74HCT280
(PDIP)
TOP VIEW
Functional Diagram
I6
I7
NC
I8
ΣE
ΣO
GND
VCC
I5
I4
I3
I2
I1
I0
1
2
3
4
5
6
7
14
13
12
11
10
9
8
8
9
10
11
13
2
1
12
5
6
ODD
EVEN
I0
I1
I2
I3
I5
I6
I7
I4
4
I8
GND = 7
VCC = 14
NC = 3
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC280, CD74HC280,
CD54HCT280, CD74HCT280
High-Speed CMOS Logic
9-Bit Odd/Even Parity Generator/Checker
[ /Title
(CD74
HC280
,
CD74
HCT28
0)
/Sub-
ject
(High
Speed
CMOS
Logic
9-Bit
Odd/E
ven
Parity


Similar Part No. - 8607701CA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
8607701CA MICROSEMI-8607701CA Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
More results

Similar Description - 8607701CA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC280 TI-CD74HC280 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
CD54HC280 TI-CD54HC280_07 Datasheet
407Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
CD54HC280 TI-CD54HC280 Datasheet
261Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
   9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
   9-bit Odd/Even Parity Generator/Checker
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
   9-bit Odd / Even Parity Generator / Checker
logo
NXP Semiconductors
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
   9-bit odd/even parity generator/checker
December 1990
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
   9-bit odd/even parity generator/checker
1996 Mar 12
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com