Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68901P05 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 68901P05
Description  MULTI.FUNCTION PERIPHERAL
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

68901P05 Datasheet(HTML) 4 Page - STMicroelectronics

  68901P05 Datasheet HTML 1Page - STMicroelectronics 68901P05 Datasheet HTML 2Page - STMicroelectronics 68901P05 Datasheet HTML 3Page - STMicroelectronics 68901P05 Datasheet HTML 4Page - STMicroelectronics 68901P05 Datasheet HTML 5Page - STMicroelectronics 68901P05 Datasheet HTML 6Page - STMicroelectronics 68901P05 Datasheet HTML 7Page - STMicroelectronics 68901P05 Datasheet HTML 8Page - STMicroelectronics 68901P05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Figure 4 : Register Map.
Address Port N
°.
Abbreviation
Regi ster N ame
0
1
2
GPIP
AER
DDR
GENERAL PURPOSE I/O
ACTIVE EDGE REGISTER
DATA DIRECTION REGISTER
3
4
5
6
7
8
9
A
B
IERA
IERB
IPRA
IPRB
ISRA
ISRB
IMRA
IMRB
VR
INTERRUPT ENABLE REGISTER A
INTERRUPT ENABLE REGISTER B
INTERRUPT PENDING REGISTER A
INTERRUPT PENDING REGISTER B
INTERRUPT IN-SERVICE REGISTER A
INTERRUPT IN-SERVICE REGISTER B
INTERRUPT MASK REGISTER A
INTERRUPT MASK REGISTER B
VECTOR REGISTER
C
D
E
F
10
11
12
TACR
TBCR
TCDCR
TADR
TBDR
TCDR
TDDR
TIMER A CONTROL REGISTER
TIMER B CONTROL REGISTER
TIMERS C AND D CONTROL REGISTER
TIMER A DATA REGISTER
TIMER B DATA REGISTER
TIMER C DATA REGISTER
TIMER D DATA REGISTER
13
14
15
16
17
SCR
UCR
RSR
TSR
UDR
SYNC CHARACTER REGISTER
USART CONTROL REGISTER
RECEIVER STATUS REGISTER
TRANSMITTER STATUS REGISTER
USART DATA REGISTER
INTERRUPTS
The General Purpose I/O-Interrupt Port (GPIP) pro-
vides eight I/O lines that may be operated either as
inputs or outputs under software control. In addition,
each line may generate an interrupt in either a po-
sitive going edge or a negative going edge of the in-
put signal.
The GPIP has three associated registers. One al-
lows the programmer to specify the Active Edge for
each bit that will trigger an interrupt. Another register
specifies the Data Direction (input or output) asso-
ciated with each bit. The third register is the actual
data I/O register used to input or output data to the
port. These three registers are illstrated in figure 5.
The Active Edge Register (AER) allows each of the
General Purpose Interrupts to provide an interrupt
on either a 1-0 transition or a 0-1 transition. Writing
a zero to the appropriate bit of the AER causes the
associated input to produce an interrupt on the 1-0
transition. The edge bit is simply one input to an ex-
clusive-or gate, with the other input coming from the
input buffer ant the output going to a 1-0 transition
detector. Thus, depending upon the state of the in-
put, writing the AER can cause an interrupt-produ-
cing transition, which will cause an interrupt on the
associated channel, if that channel is enabled. One
would then normally configure the AER before
enabling interrupts via IERA and IERB.
Note : Changing the edge bit, with the interrupt
enabled, may cause an interrupt on that channel.
The Data Direction Register (DDR) is used to define
10-17 as inputs or as outputs on a bit by bit basis.
Writing a zero into a bit of the DDR causes the cor-
responding Interrupt-I/O pin to be a Hi-Z input. Wri-
ting a one into a bit of the DDR causes the cor-
responding pin to be configured as a push-pull out-
put. When data is written into the GPIP, those pins
defined as inputs will remain in the Hi-Z state while
those pins defined as outputs will assume the state
(high or low) of their corresponding bit in the GPIP.
When the GPIP is read, the data read will come di-
rectly from the corresponding bit of the GPIPregister
for all pins defined as output, while the data read on
all pins defined as inputs will come from the input
buffers.
Each individual function in the MK68901 is provided
with a unique interrupt vector that is presented to the
system during the interrupt acknowledge cycle. The
interrupt vector returned during the interrupt ac-
knowledge cycle is shown in figure 6, while the vec-
tor register is shown in figure 7.
MK68901
4/33


Similar Part No. - 68901P05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6890N FAIRCHILD-6890N Datasheet
511Kb / 11P
   Dual N-Channel PowerTrench MOSFET
More results

Similar Description - 68901P05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
   Multifunction Peripheral
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
List of Unclassifed Man...
EF6821 ETC-EF6821 Datasheet
603Kb / 12P
   PERIPHERAL INTERFACE ADAPTER
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
Xicor Inc.
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
logo
Texas Instruments
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
Motorola, Inc
MC68HC901 MOTOROLA-MC68HC901 Datasheet
274Kb / 43P
   Multi-Function Peripheral
logo
Texas Instruments
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
Maxim Integrated Produc...
DS3231MPMB1 MAXIM-DS3231MPMB1 Datasheet
1Mb / 7P
   DS3231MPMB1 Peripheral Module
Rev 0; 5/12
MAX14840PMB1 MAXIM-MAX14840PMB1 Datasheet
1Mb / 7P
   MAX14840PMB1 Peripheral Module
Rev 0; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com