Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC56-11SRWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # CC56-11SRWA
Description  14.2mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

CC56-11SRWA Datasheet(HTML) 1 Page - Kingbright Corporation

  CC56-11SRWA Datasheet HTML 1Page - Kingbright Corporation CC56-11SRWA Datasheet HTML 2Page - Kingbright Corporation CC56-11SRWA Datasheet HTML 3Page - Kingbright Corporation CC56-11SRWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAC4970
REV NO: V.7
DATE: MAY/25/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1304000162
14.2mm(0.56INCH) FOUR DIGIT NUMERIC
DISPLAY
Part Number: CC56-11SRWA
Super Bright Red
Features
0.56 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD :GRAY FACE, WHITE SEGMENT.
UL RATING:HB.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Similar Part No. - CC56-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
CC56-11SURKWA KINGBRIGHT-CC56-11SURKWA Datasheet
363Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SYKWA KINGBRIGHT-CC56-11SYKWA Datasheet
361Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results

Similar Description - CC56-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
CA56-11GWA KINGBRIGHT-CA56-11GWA Datasheet
172Kb / 4P
   14.2mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-11YWA KINGBRIGHT-CA56-11YWA Datasheet
172Kb / 4P
   14.2mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-11SRWA KINGBRIGHT-CA56-11SRWA Datasheet
216Kb / 4P
   14.2mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11GWA KINGBRIGHT-CC56-11GWA_07 Datasheet
172Kb / 4P
   14.2mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11YWA KINGBRIGHT-CC56-11YWA Datasheet
172Kb / 4P
   14.2mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
SA56-51PBWA-A KINGBRIGHT-SA56-51PBWA-A Datasheet
209Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA_07 Datasheet
189Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SURKWA KINGBRIGHT-SC56-11SURKWA Datasheet
349Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11YWA KINGBRIGHT-SC56-11YWA Datasheet
188Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com