Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA03-11PBWA-A Datasheet(PDF) 4 Page - Kingbright Corporation

Part # DA03-11PBWA-A
Description  7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DA03-11PBWA-A Datasheet(HTML) 4 Page - Kingbright Corporation

  DA03-11PBWA-A Datasheet HTML 1Page - Kingbright Corporation DA03-11PBWA-A Datasheet HTML 2Page - Kingbright Corporation DA03-11PBWA-A Datasheet HTML 3Page - Kingbright Corporation DA03-11PBWA-A Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAF0396
REV NO: V.4
DATE: AUG/25/2007
PAGE: 4 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: W.J.Zhu
ERP: 1302000661
PACKING & LABEL SPECIFICATIONS
DA03-11PBWA/A
assessor
數位簽署者:assessor
DN:cn=assessor, o, ou,
email=assessor@cn.
kingbright.com, c=<無>
日期︰2007.08.25
13:54:11 +08'00'


Similar Part No. - DA03-11PBWA-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DA03-11 KINGBRIGHT-DA03-11 Datasheet
494Kb / 5P
   7mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
DA03-11 ETC-DA03-11 Datasheet
18Kb / 1P
   1. All dimensions are in millimeters (inches) 2. Tolerance is 짹0.25mm(0.01") unless otherwise noted.
logo
Kingbright Corporation
DA03-11CGKWA KINGBRIGHT-DA03-11CGKWA Datasheet
348Kb / 6P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11EWA KINGBRIGHT-DA03-11EWA Datasheet
494Kb / 5P
   7mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAYS
DA03-11EWA KINGBRIGHT-DA03-11EWA Datasheet
68Kb / 3P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
More results

Similar Description - DA03-11PBWA-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DA03-11CGKWA KINGBRIGHT-DA03-11CGKWA Datasheet
348Kb / 6P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DC03-11CGKWA KINGBRIGHT-DC03-11CGKWA Datasheet
355Kb / 6P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11YWA KINGBRIGHT-DA03-11YWA Datasheet
146Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11GWA KINGBRIGHT-DA03-11GWA Datasheet
146Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11SRWA KINGBRIGHT-DA03-11SRWA Datasheet
145Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DC03-11GWA KINGBRIGHT-DC03-11GWA Datasheet
146Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11EWA KINGBRIGHT-DA03-11EWA Datasheet
68Kb / 3P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DC03-11SRWA KINGBRIGHT-DC03-11SRWA Datasheet
145Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11SURKWA KINGBRIGHT-DA03-11SURKWA Datasheet
349Kb / 6P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11SYKWA KINGBRIGHT-DA03-11SYKWA Datasheet
347Kb / 6P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com