Selected language     English  ▼


M-7080D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. M-7080D
Description  Counter/Frequency Input Module LED Display
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Model:M-7080D
M-7080D
Counter/Frequency Input Module
M-7080D : M-7080D with LED Display
Counter Input
Channels: 2 independent 32-bit counters, counter 0&1
Input mode: Isolated or non-isolated
Isolation input levels:
Logic level 0:+1V max.
Logic level 1: +3.5 to 30V
Isolation voltage: 3750Vrms
Non-Isolation input level:
Programmable threshold voltage
Logic level 0: 0 to +5V (default= 0.8V)
Logic level 1: 0 to +5V (default= 2.4V)
Maximum count: 32 bit (4,294,967,295)
Programmable digital noise filter: 2 us to 65 ms
Alarming: alarm on counter 0 or counter 0 & 1, programmable
Counter preset value: programmable
Display
LED Indicator : 5-digit readout, Channel 0 or Channel 1
Frequency Measurement
Input frequency: 1 Hz to 100KHz max.
Programmable built-in gate time: 1.0/0.1sec
Digital Output
2-channels, open-collector to 30V, 30mA max. load
Power dissipation: 300mW




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS5162Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries 1 2 3 4 5 MoreMicrochip Technology
PS5163Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries 1 2 3 4 5 MoreMicrochip Technology
PS5100Nickel Chemistry Battery Manager Module with LED SOC Display 1 2 3 4 5 MoreMicrochip Technology
SCF57400.270” 4-Character 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display 1 2 3 4 5 MoreSiemens Semiconductor Group
SP6415Integrated White LED Driver With Organic LED Display Power Supply 1 2 3 4 5 MoreSipex Corporation
BM-07657NDLED DOT MATRIX DISPLAY SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BQ-N426RD0.39 10.0MM FOUR DIGIT LED DISPLAY 1 2 3 BRIGHT LED ELECTRONICS CORP
BS-AD26RD2.30 56.80MM single DIGIT LED DISPLAY 1 2 3 BRIGHT LED ELECTRONICS CORP
BS-C552RD-B0.56 14.20MM single DIGIT LED DISPLAY 1 2 3 BRIGHT LED ELECTRONICS CORP
BT-N816RD0.80 20.0MM THREE DIGIT LED DISPLAY 1 2 3 BRIGHT LED ELECTRONICS CORP

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl