Selected language     English  ▼


M-7080 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. M-7080
Description  Counter/Frequency Input Module LED Display
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
Communication Interface
RS-485
Power Supply
Input Power: 10~30Vdc
Consumption :
2.0W max. for M-7080
2.2W max. for M-7080D
Ordering Information
M-7080
Counter / Frequency input module
M-7080D
Counter / Frequency input module with display




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS5162Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries 1 2 3 4 5 MoreMicrochip Technology
PS5163Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries 1 2 3 4 5 MoreMicrochip Technology
PS5100Nickel Chemistry Battery Manager Module with LED SOC Display 1 2 3 4 5 MoreMicrochip Technology
SCF57400.270” 4-Character 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display 1 2 3 4 5 MoreSiemens Semiconductor Group
SP6415Integrated White LED Driver With Organic LED Display Power Supply 1 2 3 4 5 MoreSipex Corporation
BM-07657NDLED DOT MATRIX DISPLAY SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BQ-N426RD0.39 10.0MM FOUR DIGIT LED DISPLAY 1 2 3 BRIGHT LED ELECTRONICS CORP
BS-AD26RD2.30 56.80MM single DIGIT LED DISPLAY 1 2 3 BRIGHT LED ELECTRONICS CORP
BS-C552RD-B0.56 14.20MM single DIGIT LED DISPLAY 1 2 3 BRIGHT LED ELECTRONICS CORP
BT-N816RD0.80 20.0MM THREE DIGIT LED DISPLAY 1 2 3 BRIGHT LED ELECTRONICS CORP

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl