Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3783EDHD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3783EDHD
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3783EDHD Datasheet(HTML) 1 Page - Linear Technology

  LTC3783EDHD Datasheet HTML 1Page - Linear Technology LTC3783EDHD Datasheet HTML 2Page - Linear Technology LTC3783EDHD Datasheet HTML 3Page - Linear Technology LTC3783EDHD Datasheet HTML 4Page - Linear Technology LTC3783EDHD Datasheet HTML 5Page - Linear Technology LTC3783EDHD Datasheet HTML 6Page - Linear Technology LTC3783EDHD Datasheet HTML 7Page - Linear Technology LTC3783EDHD Datasheet HTML 8Page - Linear Technology LTC3783EDHD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC3783
3783f
High Voltage LED Arrays
Telecom Power Supplies
42V Automotive Systems
24V Industrial Controls
IP Phone Power Supplies
PWM LED Driver and Boost,
Flyback and SEPIC Controller
True Color PWM
TM Delivers Constant Color with
3000:1 Dimming Ratio
Fully Integrated Load FET Driver for PWM Dimming
Control of High Power LEDs
100:1 Dimming from Analog Inputs
Wide FB Voltage Range: 0V to 1.23V
Constant Current or Constant Voltage Regulation
Low Shutdown Current: IQ = 20µA
1% 1.23V Internal Voltage Reference
2% RUN Pin Threshold with 100mV Hysteresis
Programmable Operating Frequency (20kHz to
1MHz) with One External Resistor
Synchronizable to an External Clock Up to 1.3fOSC
Internal 7V Low Dropout Voltage Regulator
Programmable Output Overvoltage Protection
Programmable Soft-Start
Can be Used in a No RSENSE
TM Mode for VDS < 36V
16-Lead DFN and TSSOP Packages
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®3783 is a current mode LED driver and boost,
flyback and SEPIC controller that drives both an N-channel
power MOSFET and an N-channel load PWM switch.
When using an external load switch, the PWMIN input not
only drives PWMOUT, but also enables controller GATE
switching and error amplifier operation, allowing the con-
troller to store load current information while PWMIN is
low. This feature (patent pending) provides extremely fast,
true PWM load switching with no transient overvoltage or
undervoltage issues; LED dimming ratios of 3000:1 can be
achieved digitally, avoiding the color shift normally asso-
ciated with LED current dimming. The FBP pin allows
analog dimming of load current, further increasing the
effective dimming ratio by 100:1 over PWM alone.
In applications where output load current must be re-
turned to VIN, optional constant current/constant voltage
regulation controls either output (or input) current or
output voltage and provides a limit for the other. ILIM
provides a 10:1 analog dimming ratio.
For low- to medium-power applications, No RSENSE mode
can utilize the power MOSFET’s on-resistance to eliminate
the current-sense resistor, thereby maximizing efficiency.
The IC’s operating frequency can be set with an external
resistor over a 20kHz to 1MHz range and can be synchro-
nized to an external clock using the SYNC pin.
The LTC3783 is available in the 16-lead DFN and TSSOP
packages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
True Color PWM and No RSENSE are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Patent pending.
350mA PWM LED Boost Application
LTC3783
1M
RUN
PWMIN
ITH
SS
VREF
FBP
FBN
FREQ
SYNC
VIN
OV/FB
PWMOUT
ILIM
GATE
SENSE
INTVCC
GND
LED*
STRING
VIN
6V TO 16V
(< TOTAL VF OF LEDs)
GND
M1
M1, M2: SILICONIX Si4470EY
10
µF
×2
ZETEX ZLL51000
M2
COUT
10
µF
VOUT
<25V
*LUMILEDS LHXL-BW02
3783 TA01a
0.1
µF
10k
6k
105k
10
µF
2.2
µH
4.7
µF
0.05
237k
12.4k
0.3
Typical Waveforms
VPWMIN
5V/DIV
IL
2.5A/DIV
ILED
0.5A/DIV
VOUT
0.2V/DIV
AC COUPLED
1
µs/DIV
3783 TA01b


Similar Part No. - LTC3783EDHD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3783 LINER-LTC3783 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LTC3783 LINER-LTC3783 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LTC3783 LINEAR_DIMENSIONS-LTC3783 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LTC3783 AD-LTC3783 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LTC3783 AD-LTC3783 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LTC3783EDHD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com