Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M88131Y-90K6T Datasheet(PDF) 6 Page - STMicroelectronics

Part # M88131Y-90K6T
Description  In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems with CPLD for MCUs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M88131Y-90K6T Datasheet(HTML) 6 Page - STMicroelectronics

  M88131Y-90K6T Datasheet HTML 1Page - STMicroelectronics M88131Y-90K6T Datasheet HTML 2Page - STMicroelectronics M88131Y-90K6T Datasheet HTML 3Page - STMicroelectronics M88131Y-90K6T Datasheet HTML 4Page - STMicroelectronics M88131Y-90K6T Datasheet HTML 5Page - STMicroelectronics M88131Y-90K6T Datasheet HTML 6Page - STMicroelectronics M88131Y-90K6T Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
M88 FAMILY
6/7
ORDERING INFORMATION SCHEME
When delivered from ST, the FLASH+PSD device
has all bits in the memory and PLDs set to 1. The
FLASH+PSD Configuration Register bits are set to
0. The code, configuration, and PLD logic are
loaded
using
the
programming
procedure.
Information
for
programming
the
device
is
available directly from ST. Please contact your
local sales representative.
The notation used for the device number is as
shown in Table 6. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please see the full data
sheet (please consult our pages on the world wide
web:
www.st.com/flashpsd). Alternatively, please
contact your nearest ST Sales Office.
Table 6. Ordering Information Scheme
Note: 1. Available on the 4.5 to 5.5 V range, only.
Example:
M88 1 3 F 1 W –
15
T
1
T
SRAM Capacity
Option
1
16 Kbit
T
Tape & Reel Packing
3
64 Kbit
Temperature Range
Flash Memory Capacity
10 to 70
°C (commercial)
3
1 Mbit (128K x 8)
6
–40 to 85
°C (industrial)
4
2 Mbit (256K x 8)
2nd Non Volatile Memory
Package
1
256 Kbit EEPROM
K
PLCC52
2
256 Kbit Flash memory
T
PQFP52
Operating Voltage
Speed
Y
4.5 V to 5.5 V
-90
90 ns1
W
2.7 V to 3.6 V
-15
150 ns


Similar Part No. - M88131Y-90K6T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M88 MACOM-M88 Datasheet
135Kb / 2P
   TRIPLE-BALANCED MIXER
M88 MACOM-M88 Datasheet
443Kb / 3P
   Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M88 MA-COM-M88 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
logo
OTTO Engineering, Inc
M8805/106-01 OTTO-M8805/106-01 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
M8805/106-02 OTTO-M8805/106-02 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
More results

Similar Description - M88131Y-90K6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M89 STMICROELECTRONICS-M89 Datasheet
52Kb / 7P
   In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems for MCUs
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com