Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC56-51YWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # DC56-51YWA
Description  14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DC56-51YWA Datasheet(HTML) 3 Page - Kingbright Corporation

  DC56-51YWA Datasheet HTML 1Page - Kingbright Corporation DC56-51YWA Datasheet HTML 2Page - Kingbright Corporation DC56-51YWA Datasheet HTML 3Page - Kingbright Corporation DC56-51YWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAA8314
REV NO: V.9
DATE: MAY/24/2007
PAGE: 3 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1302000397
Yellow
DC56-51YWA


Similar Part No. - DC56-51YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC56-51CGKWA KINGBRIGHT-DC56-51CGKWA Datasheet
373Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-51EWA KINGBRIGHT-DC56-51EWA Datasheet
161Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-51GWA KINGBRIGHT-DC56-51GWA Datasheet
160Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-51PBWA-A KINGBRIGHT-DC56-51PBWA-A Datasheet
166Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-51PBWA/A KINGBRIGHT-DC56-51PBWA/A Datasheet
166Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
More results

Similar Description - DC56-51YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC56-11YWA KINGBRIGHT-DC56-11YWA Datasheet
209Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-11CGKWA KINGBRIGHT-DA56-11CGKWA Datasheet
361Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-51SYKWA KINGBRIGHT-DA56-51SYKWA Datasheet
373Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-51EWA KINGBRIGHT-DA56-51EWA Datasheet
161Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-11GWA KINGBRIGHT-DA56-11GWA Datasheet
158Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-51YWA KINGBRIGHT-DA56-51YWA Datasheet
161Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-51PBWA-A KINGBRIGHT-DC56-51PBWA-A Datasheet
166Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-11SURKWA KINGBRIGHT-DC56-11SURKWA Datasheet
356Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-51CGKWA KINGBRIGHT-DC56-51CGKWA Datasheet
373Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-51SURKWA KINGBRIGHT-DA56-51SURKWA Datasheet
373Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-11SYKWA KINGBRIGHT-DC56-11SYKWA Datasheet
353Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com