Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23031-AYMT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC23031-AYMT
Description  4MHz PWM 400mA Buck Regulator with Hyper Light Load?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23031-AYMT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC23031-AYMT Datasheet HTML 1Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 2Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 3Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 4Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 5Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 6Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 7Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 8Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel Inc.
MIC23031
May 2008
4
M9999-051608-A
Typical Characteristics
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
Efficiency VOUT = 2.5V
= 3.0V
= 3.6V
= 4.2V
L
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
Efficiency VOUT = 1.8V
= 2.7V
= 3.6V
= 4.2V
= 3.0V
L
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
Efficiency VOUT = 1.2V
= 3.6V
= 4.2V
= 3.0V
L
= 2.7V
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
Efficiency
with Various Inductors
L = 2.2
L = 4.7
L = 1.0
L = 0.47
0
5
10
15
20
25
30
35
40
2.7 3.2 3.7 4.2 4.7 5.2 5.7
INPUT VOLTAGE (V)
Quiescent Current
vs Input Voltage
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
2.7 3.2 3.7 4.2 4.7 5.2 5.7
INPUT VOLTAGE (V)
Output Voltage
vs Input Voltage
10mA
1mA
50mA
150mA
L
300mA
400mA
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
1
10
100
1000
OUTPUT CURRENT (mA)
Output Voltage
vs Output Current
= 3.6V
= 4.2V
L
= 3.0V
1.5
1.6
1.7
1.8
1.9
TEMPERATURE (C°)
Output Voltage
vs Temperature
= 1.8V
L
20 40 60 80
3
3.5
4
4.5
5
20 40 60 80
TEMPERATURE (C°)
Frequency vs
Temperature
0.01
0.1
1
10
1
10
100
1000
OUTPUT CURRENT (mA)
SW Frequency
vs Output Current
= 3.0V
= 3.6V
= 4.2V
L
0.001
0.01
0.1
1
10
1
10
100
1000
OUTPUT CURRENT (mA)
SW Frequency
vs Output Current
=
=
=
=
0
0.2
0.4
0.6
0.8
1
1.2
2.7 3.2 3.7 4.2 4.7 5.2 5.7
INPUT VOLTAGE (V)
Enable Threshold
vs. Input Voltage
Enable ON
Enable OFF


Similar Part No. - MIC23031-AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23031-AYMT MICREL-MIC23031-AYMT Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
More results

Similar Description - MIC23031-AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23050 MICREL-MIC23050 Datasheet
459Kb / 13P
   4MHz PWM Buck Regulator with HYPER LIGHT LOAD?
MIC23250 MICREL-MIC23250 Datasheet
594Kb / 15P
   4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23250 MICREL-MIC23250_10 Datasheet
995Kb / 20P
   4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23150_0910 MICREL-MIC23150_0910 Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23030 MICREL-MIC23030 Datasheet
694Kb / 17P
   8MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23050 MICREL-MIC23050_11 Datasheet
827Kb / 15P
   4MHz PWM Buck Regulator with HyperLight Load??Switching Scheme
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com