Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LCRDIE6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7LCRDIE6
Description  Full-speed USB MCU with smartcard interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7LCRDIE6 Datasheet HTML 6Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 7Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 8Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 9Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 10Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 11Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 12Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 13Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ST7LCR
10/29
3
ST7LCR implementation
ST7LCRE4U1 and ST7LCRDIE6 offer single IC solutions and simplifies the integration of
smartcard interfaces into smartcard readers.
3.1
Functionality
A dedicated analog block provides the power supplies 1.8 V and 3 V necessary to interface
with different smartcard voltages available on the market. Voltages are selected by software.
A dedicated UART interface provides an IS07816 communication port for connection with
the smartcard connector. A full-speed USB interface port allows external connection to a
host computer.
3.2
Smartcard interface features
The ST7LCRE4U1 and ST7LCRDIE6 include the following features:
Compatibility with asynchronous cards
Compatibility with T=0 and T=1 protocols
Compatibility with EMV and PC/SC modes.
Compliance with ISO 7816-3 and 4 and ability to supply the cards with 1.8 V or 3 V
(class A, B or C cards, respectively)
Resume/wake-up mode upon smartcard insertion/removal
The reader is able to communicate with smartcards up to the maximum baud rate allowed,
namely 344 086 bps (TA1=16) for a clock frequency of 4 MHz. Because the size of the
smartcard buffer is 261 bytes, care must be taken not to exceed this size during APDU
exchanges when the protocol in use is T=1.


Similar Part No. - ST7LCRDIE6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7L09 STMICROELECTRONICS-ST7L09 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
ST7L19 STMICROELECTRONICS-ST7L19 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
More results

Similar Description - ST7LCRDIE6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7GEME4 STMICROELECTRONICS-ST7GEME4 Datasheet
377Kb / 28P
   Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
ST22T064-A STMICROELECTRONICS-ST22T064-A Datasheet
99Kb / 7P
   Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
logo
Silicon Laboratories
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051T622 SILABS-C8051T622 Datasheet
75Kb / 3P
   Full Speed USB EEPROM MCU Family
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
   Full Speed USB Flash MCU Family
C8051T620 SILABS-C8051T620 Datasheet
87Kb / 2P
   Full Speed USB EPROM MCU Family
logo
STMicroelectronics
ST19XT34 STMICROELECTRONICS-ST19XT34 Datasheet
40Kb / 3P
   Smartcard MCU with MAP, USB/ISO Interface & 34 Kbytes High Density EEPROM
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com