Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB-A100SRW Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KB-A100SRW
Description  8.89mmx3.81mm LED LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB-A100SRW Datasheet(HTML) 1 Page - Kingbright Corporation

  KB-A100SRW Datasheet HTML 1Page - Kingbright Corporation KB-A100SRW Datasheet HTML 2Page - Kingbright Corporation KB-A100SRW Datasheet HTML 3Page - Kingbright Corporation KB-A100SRW Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAC0854
REV NO: V.11
DATE: MAY/24/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1334000219
8.89mmx3.81mm LED LIGHT BAR
Part Number: KB-A100SRW
Super Bright Red
Features
UNIFORM LIGHT EMITTING AREA.
LOW CURRENT OPERATION.
EASILY MOUNTED ON P.C. BOARDS.
FLUSH MOUNTABLE.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Similar Part No. - KB-A100SRW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB-A100SRW KINGBRIGHT-KB-A100SRW Datasheet
424Kb / 6P
   LED LIGHT BARS
More results

Similar Description - KB-A100SRW

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
EMG2800D SUNLED-EMG2800D Datasheet
188Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
logo
Kingbright Corporation
KB2820CGKD KINGBRIGHT-KB2820CGKD Datasheet
346Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB-D100SURKW KINGBRIGHT-KB-D100SURKW Datasheet
348Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB-E100SURKW KINGBRIGHT-KB-E100SURKW Datasheet
348Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB2400SYKW KINGBRIGHT-KB2400SYKW Datasheet
364Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB-A100SURKW KINGBRIGHT-KB-A100SURKW Datasheet
346Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
logo
SunLED Corporation
EMRD100M SUNLED-EMRD100M Datasheet
183Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
logo
Kingbright Corporation
KB-E100SRW KINGBRIGHT-KB-E100SRW Datasheet
199Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
logo
SunLED Corporation
EUR2600M SUNLED-EUR2600M Datasheet
184Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
EUY2400M SUNLED-EUY2400M Datasheet
183Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
EUY2700M SUNLED-EUY2700M Datasheet
186Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com