Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5435IPN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5435IPN
Description  MIXED SIGNAL MICROCONTROLLER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5435IPN Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430F5435IPN Datasheet HTML 3Page - Texas Instruments MSP430F5435IPN Datasheet HTML 4Page - Texas Instruments MSP430F5435IPN Datasheet HTML 5Page - Texas Instruments MSP430F5435IPN Datasheet HTML 6Page - Texas Instruments MSP430F5435IPN Datasheet HTML 7Page - Texas Instruments MSP430F5435IPN Datasheet HTML 8Page - Texas Instruments MSP430F5435IPN Datasheet HTML 9Page - Texas Instruments MSP430F5435IPN Datasheet HTML 10Page - Texas Instruments MSP430F5435IPN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
MSP430F543x, MSP430F541x
MSP430F543xA, MSP430F541xA
www.ti.com ...................................................................................................................................................................................................... SLAS609 – JUNE 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
PN
General-purpose digital I/O with port interrupt
P2.2/TA1.1
27
27
I/O
Timer1_A3 CCR1 capture: CCI1A input, compare: Out1 output
General-purpose digital I/O with port interrupt
P2.3/TA1.2
28
28
I/O
Timer1_A3 CCR2 capture: CCI2A input, compare: Out2 output
General-purpose digital I/O with port interrupt
P2.4/RTCCLK
29
29
I/O
RTCCLK output
P2.5
30
32
I/O
General-purpose digital I/O with port interrupt
General-purpose digital I/O with port interrupt
P2.6/ACLK
31
33
I/O
ACLK output (divided by 1, 2, 4, 8, 16, or 32)
General-purpose digital I/O with port interrupt
P2.7/ADC12CLK/DMAE0
32
34
I/O
Conversion clock input ADC
DMA external trigger input
General-purpose digital I/O
Slave transmit enable – USCI_B0 SPI mode
P3.0/UCB0STE/UCA0CLK
33
35
I/O
Clock signal input – USCI_A0 SPI slave mode
Clock signal output – USCI_A0 SPI master mode
General-purpose digital I/O
P3.1/UCB0SIMO/UCB0SDA
34
36
I/O
Slave in, master out – USCI_B0 SPI mode
I2C data – USCI_B0 I2C mode
General-purpose digital I/O
P3.2/UCB0SOMI/UCB0SCL
35
37
I/O
Slave out, master in – USCI_B0 SPI mode
I2C clock – USCI_B0 I2C mode
General-purpose digital I/O
Clock signal input – USCI_B0 SPI slave mode
P3.3/UCB0CLK/UCA0STE
36
38
I/O
Clock signal output – USCI_B0 SPI master mode
Slave transmit enable – USCI_A0 SPI mode
DVSS3
37
30
Digital ground supply
DVCC3
38
31
Digital power supply
General-purpose digital I/O
P3.4/UCA0TXD/UCA0SIMO
39
39
I/O
Transmit data – USCI_A0 UART mode
Slave in, master out – USCI_A0 SPI mode
General-purpose digital I/O
P3.5/UCA0RXD/UCA0SOMI
40
40
I/O
Receive data – USCI_A0 UART mode
Slave out, master in – USCI_A0 SPI mode
General-purpose digital I/O
Slave transmit enable – USCI_B1 SPI mode
P3.6/UCB1STE/UCA1CLK
41
41
I/O
Clock signal input – USCI_A1 SPI slave mode
Clock signal output – USCI_A1 SPI master mode
General-purpose digital I/O
P3.7/UCB1SIMO/UCB1SDA
42
42
I/O
Slave in, master out – USCI_B1 SPI mode
I2C data – USCI_B1 I2C mode
General-purpose digital I/O
P4.0/TB0
43
43
I/O
Timer_B7 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
General-purpose digital I/O
P4.1/TB1
44
44
I/O
Timer_B7 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
General-purpose digital I/O
P4.2/TB2
45
45
I/O
Timer_B7 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
General-purpose digital I/O
P4.3/TB3
46
46
I/O
Timer_B7 capture CCR3: CCI3A/CCI3B input, compare: Out3 output
General-purpose digital I/O
P4.4/TB4
47
47
I/O
Timer_B7 capture CCR4: CCI4A/CCI4B input, compare: Out4 output
General-purpose digital I/O
P4.5/TB5
48
48
I/O
Timer_B7 capture CCR5: CCI5A/CCI5B input, compare: Out5 output
General-purpose digital I/O
P4.6/TB6
49
52
I/O
Timer_B7 capture CCR6: CCI6A/CCI6B input, compare: Out6 output
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - MSP430F5435IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5435IPN TI-MSP430F5435IPN Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5435IPN TI-MSP430F5435IPN Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5435IPN TI-MSP430F5435IPN Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5435IPN TI1-MSP430F5435IPN Datasheet
1Mb / 108P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5435IPN TI1-MSP430F5435IPN Datasheet
1Mb / 104P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5435IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com