Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5435IPN Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5435IPN
Description  MIXED SIGNAL MICROCONTROLLER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5435IPN Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F5435IPN Datasheet HTML 5Page - Texas Instruments MSP430F5435IPN Datasheet HTML 6Page - Texas Instruments MSP430F5435IPN Datasheet HTML 7Page - Texas Instruments MSP430F5435IPN Datasheet HTML 8Page - Texas Instruments MSP430F5435IPN Datasheet HTML 9Page - Texas Instruments MSP430F5435IPN Datasheet HTML 10Page - Texas Instruments MSP430F5435IPN Datasheet HTML 11Page - Texas Instruments MSP430F5435IPN Datasheet HTML 12Page - Texas Instruments MSP430F5435IPN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
MSP430F543x, MSP430F541x
MSP430F543xA, MSP430F541xA
www.ti.com ...................................................................................................................................................................................................... SLAS609 – JUNE 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
PN
General-purpose digital I/O
P9.4/UCA2TXD/UCA2SIMO
72
N/A
I/O
Transmit data – USCI_A2 UART mode
Slave in, master out – USCI_A2 SPI mode
General-purpose digital I/O
P9.5/UCA2RXD/UCA2SOMI
73
N/A
I/O
Receive data – USCI_A2 UART mode
Slave out, master in – USCI_A2 SPI mode
P9.6
74
N/A
I/O
General-purpose digital I/O
P9.7
75
N/A
I/O
General-purpose digital I/O
General-purpose digital I/O
Slave transmit enable – USCI_B3 SPI mode
P10.0/UCB3STE/UCA3CLK
76
N/A
I/O
Clock signal input – USCI_A3 SPI slave mode
Clock signal output – USCI_A3 SPI master mode
General-purpose digital I/O
P10.1/UCB3SIMO/UCB3SDA
77
N/A
I/O
Slave in, master out – USCI_B3 SPI mode
I2C data – USCI_B3 I2C mode
General-purpose digital I/O
P10.2/UCB3SOMI/UCB3SCL
78
N/A
I/O
Slave out, master in – USCI_B3 SPI mode
I2C clock – USCI_B3 I2C mode
General-purpose digital I/O
Clock signal input – USCI_B3 SPI slave mode
P10.3/UCB3CLK/UCA3STE
79
N/A
I/O
Clock signal output – USCI_B3 SPI master mode
Slave transmit enable – USCI_A3 SPI mode
General-purpose digital I/O
P10.4/UCA3TXD/UCA3SIMO
80
N/A
I/O
Transmit data – USCI_A3 UART mode
Slave in, master out – USCI_A3 SPI mode
General-purpose digital I/O
P10.5/UCA3RXD/UCA3SOMI
81
N/A
I/O
Receive data – USCI_A3 UART mode
Slave out, master in – USCI_A3 SPI mode
P10.6
82
N/A
I/O
General-purpose digital I/O
P10.7
83
N/A
I/O
General-purpose digital I/O
General-purpose digital I/O
P11.0/ACLK
84
N/A
I/O
ACLK output (divided by 1, 2, 4, 8, 16, or 32)
General-purpose digital I/O
P11.1/MCLK
85
N/A
I/O
MCLK output
General-purpose digital I/O
P11.2/SMCLK
86
N/A
I/O
SMCLK output
DVCC4
87
67
Digital power supply
DVSS4
88
68
Digital ground supply
General-purpose digital I/O
P5.2/XT2IN
89
69
I/O
Input terminal for crystal oscillator XT2
General-purpose digital I/O
P5.3/XT2OUT
90
70
I/O
Output terminal of crystal oscillator XT2
Test mode pin – select digital I/O on JTAG pins
TEST/SBWTCK
91
71
I
Spy-bi-wire input clock
General-purpose digital I/O
PJ.0/TDO
92
72
I/O
Test data output port
General-purpose digital I/O
PJ.1/TDI/TCLK
93
73
I/O
Test data input or test clock input
General-purpose digital I/O
PJ.2/TMS
94
74
I/O
Test mode select
General-purpose digital I/O
PJ.3/TCK
95
75
I/O
Test clock
Reset input active low
RST/NMI/SBWTDIO
96
76
I/O
Non-maskable interrupt input
Spy-bi-wire data input/output
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - MSP430F5435IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5435IPN TI-MSP430F5435IPN Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5435IPN TI-MSP430F5435IPN Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5435IPN TI-MSP430F5435IPN Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5435IPN TI1-MSP430F5435IPN Datasheet
1Mb / 108P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5435IPN TI1-MSP430F5435IPN Datasheet
1Mb / 104P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5435IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com