Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB-G100SRW Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KB-G100SRW
Description  8.89mmx8.89mm LED LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB-G100SRW Datasheet(HTML) 2 Page - Kingbright Corporation

  KB-G100SRW Datasheet HTML 1Page - Kingbright Corporation KB-G100SRW Datasheet HTML 2Page - Kingbright Corporation KB-G100SRW Datasheet HTML 3Page - Kingbright Corporation KB-G100SRW Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD0051
REV NO: V.8
DATE: MAY/14/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1334000256
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Min.
Typ.
KB-G100SRW
Super Bright Red (GaAlAs)
WHITE DIFFUSED
50
200
Iv (mcd) [1]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Red
660
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Red
640
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Red
20
nm
IF=20mA
C
Capacitance
Super Bright Red
45
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Red
1.85
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Red
10
uA
VR=5V
Parameter
Super Bright Red
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
155
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Similar Part No. - KB-G100SRW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB-G100SRW KINGBRIGHT-KB-G100SRW Datasheet
424Kb / 6P
   LED LIGHT BARS
More results

Similar Description - KB-G100SRW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB2770SYKW KINGBRIGHT-KB2770SYKW Datasheet
348Kb / 6P
   8.89mmx8.89mm LED LIGHT BAR
KB-C100SURKW KINGBRIGHT-KB-C100SURKW Datasheet
346Kb / 6P
   8.89mmx8.89mm LED LIGHT BAR
KB2870SGD KINGBRIGHT-KB2870SGD Datasheet
198Kb / 4P
   8.89mmx8.89mm LED LIGHT BAR
KB2770YW KINGBRIGHT-KB2770YW Datasheet
199Kb / 4P
   8.89mmx8.89mm LED LIGHT BAR
logo
SunLED Corporation
EUY2770M SUNLED-EUY2770M Datasheet
185Kb / 4P
   8.89mmx8.89mm LED LIGHT BAR
logo
Kingbright Corporation
KB2870CGKD KINGBRIGHT-KB2870CGKD Datasheet
351Kb / 6P
   8.89mmx8.89mm LED LIGHT BAR
KB2755YW KINGBRIGHT-KB2755YW Datasheet
198Kb / 4P
   8.89mmx8.89mm LED LIGHT BAR
KB2670EW KINGBRIGHT-KB2670EW Datasheet
199Kb / 4P
   8.89mmx8.89mm LED LIGHT BAR
logo
SunLED Corporation
EMRC100M SUNLED-EMRC100M Datasheet
179Kb / 4P
   8.89mmx8.89mm LED LIGHT BAR
EUR2655M SUNLED-EUR2655M Datasheet
179Kb / 4P
   8.89mmx8.89mm LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com