Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5437AIPN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5437AIPN
Description  MIXED SIGNAL MICROCONTROLLER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5437AIPN Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F5437AIPN Datasheet HTML 1Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 2Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 3Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 4Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 5Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 6Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 7Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 8Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
1
FEATURES
MSP430F543x, MSP430F541x
MSP430F543xA, MSP430F541xA
www.ti.com ...................................................................................................................................................................................................... SLAS609 – JUNE 2008
MIXED SIGNAL MICROCONTROLLER
2
• Low Supply-Voltage Range
• Up to Four Universal Serial Communication
Interfaces
2.2 V to 3.6 V
MSP430F543x, MSP430F541x
Enhanced UART Supporting Auto-Baudrate
Detection
1.8 V to 3.6 V
MSP430F543xA, MSP430F541xA
IrDA Encoder and Decoder
• Ultralow Power Consumption
Synchronous SPI
Active Mode (AM): 165
µA/MHz
I2C™
Standby Mode (LPM3 RTC Mode): 2.6
µA
• 12-Bit Analog-to-Digital (A/D) Converter
Off Mode (LPM4 RAM Retention): 1.6
µA
Internal Reference
Shutdown Mode (LPM5): 0.1
µA
Sample-and-Hold
• Wake-Up From Standby Mode in Less Than
Autoscan Feature
5
µs
12 External Channels, 4 Internal Channels
• 16-Bit RISC Architecture
• Hardware Multiplier Supporting 32-Bit
Extended Memory
Operations
Up to 18-MHz System Clock
• Serial Onboard Programming, No External
MSP430F543x, MSP430F541x
Programming Voltage Needed
Up to 25-MHz System Clock
• Three Channel Internal DMA
MSP430F543xA, MSP430F541xA
• Basic Timer With Real Time Clock Feature
• Flexible Power Management System
• Family Members Include:
Fully Integrated LDO With Programmable
MSP430F5438, MSP430F5438A (1)
Regulated Core Supply Voltage
256KB+512B Flash Memory
Supply Voltage Supervision, Monitoring,
16KB RAM
and Brownout
Four Universal Serial Communication
• Unified Clock System
Interfaces
FLL Control Loop for Frequency
MSP430F5436, MSP430F5436A (1)
Stabilization
192KB+512B Flash Memory
Low-Power/Low-Frequency Internal Clock
16KB RAM
Source (VLO)
Four Universal Serial Communication
Low-Frequency Trimmed Internal Reference
Interfaces
Source (REFO)
MSP430F5419 (1), MSP430F5419A (1)
32-kHz Crystals
128KB+512B Flash Memory
High-Frequency Crystals up to 25 MHz
16KB RAM
• 16-Bit Timer0_A5 With Five Capture/Compare
Four Universal Serial Communication
Registers
Interfaces
• 16-Bit Timer1_A3 With Three Capture/Compare
MSP430F5437 (1), MSP430F5437A (1)
Registers
256KB+512B Flash Memory
• 16-Bit Timer_B7 With Seven Capture/Compare
Shadow Registers
16KB RAM
Two Universal Serial Communication
Interfaces
(1)
Product Preview
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2008, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - MSP430F5437AIPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5437AIPN TI-MSP430F5437AIPN Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5437AIPN TI-MSP430F5437AIPN Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5437AIPN TI-MSP430F5437AIPN Datasheet
1,010Kb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5437AIPN TI1-MSP430F5437AIPN Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5437AIPN TI1-MSP430F5437AIPN Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5437AIPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com