Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA05-12GWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # PSA05-12GWA
Description  12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

PSA05-12GWA Datasheet(HTML) 2 Page - Kingbright Corporation

  PSA05-12GWA Datasheet HTML 1Page - Kingbright Corporation PSA05-12GWA Datasheet HTML 2Page - Kingbright Corporation PSA05-12GWA Datasheet HTML 3Page - Kingbright Corporation PSA05-12GWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAC4872
REV NO: V.8
DATE: MAY/16/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1311000019
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
PSA05-12GWA
Green (GaP)
WHITE DIFFUSED
1200
4700
Common Anode, Rt.
Hand Decimal.
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
565
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
30
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR=5V
Parameter
Green
Units
Power dissipation
62.5
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Similar Part No. - PSA05-12GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSA05-12GWA KINGBRIGHT-PSA05-12GWA Datasheet
158Kb / 5P
   12.7mm(0.5inch) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAYS
More results

Similar Description - PSA05-12GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSA05-12EWA KINGBRIGHT-PSA05-12EWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-11SRWA KINGBRIGHT-PSC05-11SRWA Datasheet
151Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-11YWA KINGBRIGHT-PSC05-11YWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-12GWA KINGBRIGHT-PSC05-12GWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-11EWA KINGBRIGHT-PSA05-11EWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-11YWA KINGBRIGHT-PSA05-11YWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-12EWA KINGBRIGHT-PSC05-12EWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-12SRWA KINGBRIGHT-PSC05-12SRWA Datasheet
151Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-11GWA KINGBRIGHT-PSA05-11GWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-12SRWA KINGBRIGHT-PSA05-12SRWA Datasheet
151Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com