Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1191RB Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part # PS1191RB
Description  Surface Mount Phototransistor/Reverse Mount Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PS1191RB Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button PS1191RB Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2005.3.2
Page 8
Reflow Soldering Conditions
Manual Soldering Conditions
Iron tip temp.
Soldering time and frequency
3 s
1 time
350 ℃
(MAX.)
(MAX.)
(MAX.) (30 W Max.)
PS1191RB
Surface Mount Phototransistor/Reverse Mount Type
1) The above profile temperature gives the maximum temperature of the device resin surface.
Please set the temperature so as to avoid exceeding this range.
2) Total times of reflow soldering process shall be no more than 2 times.
When the second reflow soldering process is performed, intervals between the first
and second reflow should be short as possible (while allowing some time for the
component to return to normal temperature after the first reflow) in order to prevent the
device from absorbing moisture.
3) Temperature fluctuation to the device during the pre-heating process shall be minimized.


Similar Part No. - PS1191RB

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PS1192FB STANLEY-PS1192FB Datasheet
189Kb / 10P
   Surface Mount Phototransistor/Right Angle Type
logo
List of Unclassifed Man...
PS1192HA ETC-PS1192HA Datasheet
44Kb / 2P
   PHOTO TRANSISTOR
logo
STANLEY ELECTRIC CO.,LT...
PS1195WB STANLEY-PS1195WB Datasheet
602Kb / 10P
   Narrow Distribution
logo
KODENSHI_AUK CORP.
PS119E-1 KODENSHI-PS119E-1 Datasheet
138Kb / 2P
   Exterior light endure by phase-modulation
More results

Similar Description - PS1191RB

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-075PT ROHM-RPM-075PT Datasheet
70Kb / 2P
   Phototransistor, surface mount type
RPM-075PTT86 ROHM-RPM-075PTT86 Datasheet
70Kb / 2P
   Phototransistor, surface mount type
logo
STANLEY ELECTRIC CO.,LT...
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
logo
List of Unclassifed Man...
PS1102HA ETC-PS1102HA Datasheet
166Kb / 10P
   Surface Mount Phototransistor/2125 Type
logo
Sharp Corporation
PT100MC0MP SHARP-PT100MC0MP Datasheet
782Kb / 11P
   Surface Mount Type, Transparent Resin Phototransistor
PT100MF0MP SHARP-PT100MF0MP Datasheet
822Kb / 11P
   Surface Mount Type, Opaque Resin Phototransistor
logo
STANLEY ELECTRIC CO.,LT...
PS1102FA STANLEY-PS1102FA Datasheet
186Kb / 10P
   Surface Mount Phototransistor/Right Angle Type
PS1192FB STANLEY-PS1192FB Datasheet
189Kb / 10P
   Surface Mount Phototransistor/Right Angle Type
PS1101WA STANLEY-PS1101WA Datasheet
184Kb / 10P
   Surface Mount Phototransistor/Flat Lenz Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com