Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2700000707054K Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AN2700000707054K
Description  2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AN2700000707054K Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AN2700000707054K Datasheet HTML 1Page - List of Unclassifed Manufacturers AN2700000707054K Datasheet HTML 2Page - List of Unclassifed Manufacturers AN2700000707054K Datasheet HTML 3Page - List of Unclassifed Manufacturers AN2700000707054K Datasheet HTML 4Page - List of Unclassifed Manufacturers AN2700000707054K Datasheet HTML 5Page - List of Unclassifed Manufacturers AN2700000707054K Datasheet HTML 6Page - List of Unclassifed Manufacturers AN2700000707054K Datasheet HTML 7Page - List of Unclassifed Manufacturers AN2700000707054K Datasheet HTML 8Page - List of Unclassifed Manufacturers AN2700000707054K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2001 Sep 27 Rev.1
2
www.phycomp-components.com
Phycomp
Product specification
Surface-mount ceramic
multilayer antennas
2.45 GHz ISM-band antenna for
Bluetooth and WLAN IEEE 802.11b
FEATURES
• Designed for 2.45 GHz ISM-band
• Simplifies antenna circuitry
• NiSn lead-free terminations
• suitable for wave and reflow
soldering
• Supplied in tape on reel.
APPLICATIONS
• Telecommunications
• Computing (PCs, printers, PDAs)
• Wireless office data
communications including WLAN
• Consumer electronics (wireless
headphones).
DESCRIPTION
This 2.45 GHz ceramic multilayer
antenna has been designed to meet
the requirements of the BluetoothTM(1)
and IEEE 802.11b wireless
communications protocol. It consists
of a rectangular block of low-dielectric
ceramic material and is fabricated in a
water-based non-toxic process. The
antenna is capable of providing good
connectivity using near 50
microstrip directly onto the PC board.
(1) Bluetooth is a trademark owned by
Telefonieaktiebolaget L M Ericsson,
Sweden.
ENVIRONMENTAL CARE
The foil making process
uses an environment-
friendly aqueous-solvent
technology that fully
complies with today’s green-product
design requirements. All terminations
are lead-free. Packing materials can
be recycled.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Center frequency
2.45, 2.60 and 2.70 GHz
Bandwidth
100 MHz
Gain
1.2 dBi max.
VSWR
2 max.
Polarization
Linear
Azimuth beamwidth
Omni-directional
Impedance
50
Power dissipation
1 W
Operating temperature
−55 to +125 °C
Terminations
NiSn
Resistance to soldering heat
260
°C for 10 s
Weight
0.16 g


Similar Part No. - AN2700000707054K

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN2701 FREESCALE-AN2701 Datasheet
216Kb / 14P
   PWM Generation with the HC08 Timer
logo
STMicroelectronics
AN2703 STMICROELECTRONICS-AN2703 Datasheet
104Kb / 9P
   All datasheet parameters are rated as minimum or maximum values
AN2705 STMICROELECTRONICS-AN2705 Datasheet
214Kb / 8P
   TSH173 triple video buffer with filter for SD video
AN2708 STMICROELECTRONICS-AN2708 Datasheet
1Mb / 42P
   2X36 W digital dimmable ballast with L6574 and ST7FDALI
More results

Similar Description - AN2700000707054K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
431111100245 ETC1-431111100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111500245 ETC1-431111500245 Datasheet
179Kb / 9P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b (Long Shape)
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
logo
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
logo
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
   2.4 GHz Patch Antenna for ISM Band
logo
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
logo
STMicroelectronics
BAL-2690D3U STMICROELECTRONICS-BAL-2690D3U Datasheet
265Kb / 8P
   50 / 30j25 balun transformer for 2.45 GHz ISM band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com