Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C1001-45F6TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # M27C1001-45F6TR
Description  1 Mbit 128Kb x8 UV EPROM and OTP EPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-45F6TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M27C1001-45F6TR Datasheet HTML 3Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 4Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 5Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 6Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 7Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 8Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 9Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 10Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
M27C1001
Table 9. Programming Mode DC Characteristics (1)
(TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 10. Programming Mode AC Characteristics (1)
(TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
VIL ≤ VIN ≤ VIH
±10
µA
ICC
Supply Current
50
mA
IPP
Program Current
E = VIL
50
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400µA
2.4
V
VID
A9 Voltage
11.5
12.5
V
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
tAVPL
tAS
Address Valid to Program Low
2
µs
tQVPL
tDS
Input Valid to Program Low
2
µs
tVPHPL
tVPS
VPP High to Program Low
2µs
tVCHPL
tVCS
VCC High to Program Low
2µs
tELPL
tCES
Chip Enable Low to Program Low
2
µs
tPLPH
tPW
Program Pulse Width
95
105
µs
tPHQX
tDH
Program High to Input Transition
2
µs
tQXGL
tOES
Input Transition to Output Enable Low
2
µs
tGLQV
tOE
Output Enable Low to Output Valid
100
ns
tGHQZ
(2)
tDFP
Output Enable High to Output Hi-Z
0
130
ns
tGHAX
tAH
Output Enable High to Address
Transition
0ns
Programming
When delivered (and after each erasure for UV
EPROM), all bits of the M27C1001 are in the '1'
state. Data is introduced by selectively program-
ming '0's into the desired bit locations. Although
only '0's will be programmed, both '1's and '0's can
be present in the data word. The only way to
change a '0' to a '1' is by die exposition to ultravio-
let light (UV EPROM). The M27C1001 is in the
programming mode when VPP input is at 12.75V,
E is at VIL and P is pulsed to VIL. The data to be
programmed is applied to 8 bits in parallel to the
data output pins. The levels required for the ad-
dress and data inputs are TTL. VCC is specified to
be 6.25V ± 0.25V.


Similar Part No. - M27C1001-45F6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C1001-45FTR STMICROELECTRONICS-M27C1001-45FTR Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

Similar Description - M27C1001-45F6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
   1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V101 STMICROELECTRONICS-M27V101 Datasheet
104Kb / 15P
   1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
   2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com