Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M87C257-90C7X Datasheet(PDF) 9 Page - STMicroelectronics

Part # M87C257-90C7X
Description  ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257-90C7X Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M87C257-90C7X Datasheet HTML 5Page - STMicroelectronics M87C257-90C7X Datasheet HTML 6Page - STMicroelectronics M87C257-90C7X Datasheet HTML 7Page - STMicroelectronics M87C257-90C7X Datasheet HTML 8Page - STMicroelectronics M87C257-90C7X Datasheet HTML 9Page - STMicroelectronics M87C257-90C7X Datasheet HTML 10Page - STMicroelectronics M87C257-90C7X Datasheet HTML 11Page - STMicroelectronics M87C257-90C7X Datasheet HTML 12Page - STMicroelectronics M87C257-90C7X Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Electronic Signature
The Electronic Signature (ES) mode allows the
reading out of a binary code from an EPROM that
will identify its manufacturer and type. This mode
is intended for use by programming equipment to
automatically match the device to be programmed
with its corresponding programming algorithm. The
ES mode is functional in the 25
°C ± 5°C ambient
temperature range that is required when program-
ming the M87C257.
To activate the ES mode, the programming equip-
ment must force 11.5V to 12.5V on address line A9
of the M87C257, with VCC = VPP = 5V. Two identifier
bytes may then be sequenced from the device
outputs by toggling address line A0 from VIL to VIH.
All other address lines must be held at VIL during
Electronic Signature mode. Byte 0 (A0=VIL) repre-
sents the manufacturer code and byte 1 (A0=VIH)
the device identifier code. When A9 = VID, AS need
not be toggled to latch each identifier address. For
the SGS-THOMSON M87C257, these two identi-
fier bytes are given in Table 4 and can be read-out
on outputs Q0 to Q7.
ERASURE OPERATION (applies for UV EPROM)
The erasure characteristics of the M87C257 is such
that erasure begins when the cells are exposed to
light with wavelengths shorter than approximately
4000 Å. It should be noted that sunlight and some
type of fluorescent lamps have wavelengths in the
3000-4000 Å range. Research shows that constant
exposure to room level fluorescent lighting could
erase a typical M87C257 in about 3 years, while it
would take approximately 1 week to cause erasure
when exposed to direct sunlight. If the M87C257 is
to be exposed to these types of lighting conditions
for extended periods of time, it is suggested that
opaque labels be put over the M87C257 window to
prevent unintentional erasure. The recommended
erasure procedure for the M87C257 is exposure to
short wave ultraviolet light which has wavelength
2537Å. The integrated dose (i.e. UV intensity x
exposure time) for erasure should be a minimum
of 15 W-sec/cm2. The erasure time with this dos-
age is approximately 15 to 20 minutes using an
ultraviolet lamp with 12000
µW/cm2 power rating.
The M87C257 should be placed within 2.5 cm (1
inch) of the lamp tubes during the erasure. Some
lamps have a filter on their tubes which should be
removed before erasure.
9/13
M87C257


Similar Part No. - M87C257-90C7X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M87C257-90C1TR STMICROELECTRONICS-M87C257-90C1TR Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M87C257-90C3TR STMICROELECTRONICS-M87C257-90C3TR Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M87C257-90C6TR STMICROELECTRONICS-M87C257-90C6TR Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
More results

Similar Description - M87C257-90C7X

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
   256K(32K x 8-bit) UV and OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
STMicroelectronics
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
   NMOS 256K 32K x 8 UV EPROM
logo
Hitachi Semiconductor
HN27C256H HITACHI-HN27C256H Datasheet
409Kb / 10P
   256k (32k x 8-bit) UV and OPT EPROM
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com