Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M87C257-10C7X Datasheet(PDF) 6 Page - STMicroelectronics

Part # M87C257-10C7X
Description  ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257-10C7X Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M87C257-10C7X Datasheet HTML 2Page - STMicroelectronics M87C257-10C7X Datasheet HTML 3Page - STMicroelectronics M87C257-10C7X Datasheet HTML 4Page - STMicroelectronics M87C257-10C7X Datasheet HTML 5Page - STMicroelectronics M87C257-10C7X Datasheet HTML 6Page - STMicroelectronics M87C257-10C7X Datasheet HTML 7Page - STMicroelectronics M87C257-10C7X Datasheet HTML 8Page - STMicroelectronics M87C257-10C7X Datasheet HTML 9Page - STMicroelectronics M87C257-10C7X Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Symbol
Alt
Parameter
Test
Condition
M87C257
Unit
-90
-10
-12
-15/-20
Min Max Min Max Min Max Min Max
tAVQV
tACC
Address Valid to
Output Valid
E = VIL, G = VIL
90
100
120
150
ns
tAVASL
tAL
Address Valid to
Address Strobe Low
7
777
ns
tASHASL
tLL
Address Strobe High
to Address Strobe Low
35
35
35
35
ns
tASLAX
tLA
Address Strobe Low to
Address Transition
20
20
20
20
ns
tASLGL
tLOE
Address Strobe Low
to Output Enable Low
20
20
20
20
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
90
100
120
150
ns
tGLQV
tOE
Output Enable Low to
Output Valid
E = VIL
40
40
50
60
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G = VIL
0400
30040040
ns
tGHQZ
(2)
tDF
Output Enable High to
Output Hi-Z
E = VIL
0400
30040040
ns
tAXQX
tOH
Address Transition to
Output Transition
E = VIL, G = VIL
0
000
ns
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Table 8B. Read Mode AC Characteristics (1)
(TA = 0 to 70
°C, –40 to 85°C, –40 to 105°C or –40 to 125°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC)
AI00931
tAXQX
tEHQZ
DATA OUT
A0-A14
E
G
Q0-Q7
tASLAX
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
tAVQV
tASLGL
tASHASL
tAVASL
ASVPP
Figure 5. Read Mode AC Waveforms
6/13
M87C257


Similar Part No. - M87C257-10C7X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M87C257-10C1TR STMICROELECTRONICS-M87C257-10C1TR Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M87C257-10C3TR STMICROELECTRONICS-M87C257-10C3TR Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M87C257-10C6TR STMICROELECTRONICS-M87C257-10C6TR Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
More results

Similar Description - M87C257-10C7X

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
   256K(32K x 8-bit) UV and OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
STMicroelectronics
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
   NMOS 256K 32K x 8 UV EPROM
logo
Hitachi Semiconductor
HN27C256H HITACHI-HN27C256H Datasheet
409Kb / 10P
   256k (32k x 8-bit) UV and OPT EPROM
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com